Electronic Components Datasheet Search
  English  ▼

X  

SKEG Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEG
Description  6mm Square(Snap-in Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEG Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKEG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKEG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
296
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Minimum order
unit
(pcs.)
1,000
Drawing
No.
Operating
direction
0.78N
1.96N
Horizontal
50,000
cycles
Black
Dark gray
SKEGLAA010
SKEGLBA010
Product No.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem color
1
5mA
12V DC
Rating
(min.)
10
BA
1V DC
1k
Ω max.
3
Product Line
Vertical Type
Horizontal Type
Refer to P.306 for soldering conditions.
Refer to
P.308 for standard konbs.
Dimensions
PC board mounting hole dimensions
(Viewed from switch mounting face)
No.
Style
Unit:mm
Joint stem type
5.5
2-ø1.25 holes
Minimum order
unit
(pcs.)
1,000
Drawing
No.
Operating
direction
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Stem
color
Variety
Product No.
SKEGACA010
SKEGAEA010
SKEGADA010
SKEGAFA010
0.78N
1.96N
0.78N
1.96N
Vertical
1
5mA
12V DC
Rating
(min.)
10
BA
1V DC
100,000
cycles
1k
Ω max.
Ivory
Dark gray
Ivory
Dark gray
Joint stem
Flat stem
1
2
H6
1
2.1
5.5
1
12
Stem
Photo
1
Soft feeling available with joint-stem & horizontal push.
6mm Square(Snap-in Type)
SKEG Series
TACT SwitchTM


Similar Part No. - SKEG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEGACA010 ALPS-SKEGACA010 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKEGADA010 ALPS-SKEGADA010 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKEGAEA010 ALPS-SKEGAEA010 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKEGAFA010 ALPS-SKEGAFA010 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKEGLAA010 ALPS-SKEGLAA010 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
More results

Similar Description - SKEG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
12mm Square(Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
6mm Square (Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
6mm Square Dust-proof (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
6.6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
6mm Square (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
12mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
6mm Square (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
6mm Square Dust-proof (Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
6.6mm Square (Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com