Electronic Components Datasheet Search
  English  ▼

X  

TR8 Datasheet(PDF) 2 Page - Transys Electronics

Part # TR8
Description  SILICON TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

TR8 Datasheet(HTML) 2 Page - Transys Electronics

  TR8 Datasheet HTML 1Page - Transys Electronics TR8 Datasheet HTML 2Page - Transys Electronics TR8 Datasheet HTML 3Page - Transys Electronics TR8 Datasheet HTML 4Page - Transys Electronics TR8 Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TR8 SERIES
SILICON TRIACS
† All voltages are with respect to Main Terminal 1.
NOTES: 6. This parameter must be measured using pulse techniques, tp = £ 1 ms, duty cycle £ 2 %. Voltage-sensing contacts separate from
the current carrying contacts are located within 3.2 mm from the device body.
7. The triacs are triggered by a 15-V (open-circuit amplitude) pulse supplied by a generator with the following characteristics:
RG = 100 W , tp(g) = 20 m s, tr = £ 15 ns, f = 1 kHz.
VTM
Peak on-state voltage
ITM = ±12 A
IG = 50 mA
(see Note 6)
±1.6
±2.1
V
IH
Holding current
Vsupply = +12 V†
Vsupply = -12 V†
IG = 0
IG = 0
Init’ ITM = 100 mA
Init’ ITM = -100 mA
5
-9
30
-30
mA
IL
Latching current
Vsupply = +12 V†
Vsupply = -12 V†
(see Note 7)
50
-50
mA
dv/dt
Critical rate of rise of
off-state voltage
VDRM = Rated VDRM
IG = 0
TC = 110°C
±100
V/µs
dv/dt(c)
Critical rise of commu-
tation voltage
VDRM = Rated VDRM
ITRM = ±12 A
TC = 85°C
±5
V/µs
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Rq JC
Junction to case thermal resistance
1.8
°C/W
Rq JA
Junction to free air thermal resistance
62.5
°C/W
electrical characteristics at 25°C case temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
GATE TRIGGER CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
0·1
1
10
100
1000
CASE TEMPERATURE
vs
V
AA = ± 12 V
R
L = 10 WW
t
p(g) = 20 µs
V
supply IGTM
+
+
+
-
-
-
-
+
GATE TRIGGER VOLTAGE
T
C - Case Temp er atur e - ° C
-60
-40
-20
0
20
40
60
80
100
120
0·1
1
10
CASE TEMPERATURE
vs
V
supply IGTM
+
+
+
-
-
-
-
+
V
AA = ± 12 V
R
L = 10 WW
t
p(g) = 20 µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com