Electronic Components Datasheet Search
  English  ▼

X  

SKPD Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPD
Description  7.8mm Square(Radial Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPD Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
305
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
1. Using a 1.6mm thick PC board is recommended.
2. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
Notes
ø3.5
H7.8
Rubber dome
12.7
0.3
0.4
5
0.5
12.7
ø4
1
2
Dimensions
Product Line
Circuit Diagram
Unit:mm
SKPDALD010
Product No.
Operatin
g force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Rubber
color
Height
0.78N
1.18N
2.45N
2.94N
Vertical
1
1.2
1.75
5mA
12V DC
Rating
(min.)
10
BA
1V DC
500,000cycles
100,000cycles
1k
Ω max.
Minimum order unit
(pcs.)
800
Light gray
Light blue
Blue
Gray
h
=5mm
h
=5.5mm
h
=6.1mm
SKPDAMD010
SKPDACD010
SKPDAFD010
Operating
direction
Style
PC board mounting hole dimensions
(Viewed from switch mounting face)
2-ø1 holes
5
h
5
5.5
6.1
12
Refer to P.306 for soldering conditions.
7.8mm Square(Radial Type)
SKPD Series
Varieties of 1mm, 1.2mm or 1.75mm-travel to support wide range of applications.
TACT SwitchTM
Specification of Radial Taping Package (Taping Packaging for Auto-insertion)
"%
!!
Unit:mm
Box Size
800
8,000
8,000
Number of packages
(pcs.)
1 box
1 case /Japan
1 case
/export packing


Similar Part No. - SKPD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPDACD010 ALPS-SKPDACD010 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKPDAFD010 ALPS-SKPDAFD010 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKPDALD010 ALPS-SKPDALD010 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKPDAMD010 ALPS-SKPDAMD010 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKPD ALPS-SKPD_15 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
More results

Similar Description - SKPD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
Square Type
LN250RPH PANASONIC-LN250RPH Datasheet
31Kb / 1P
Square Type
LN252RPX PANASONIC-LN252RPX Datasheet
32Kb / 1P
Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
Square Type
logo
ALPS ELECTRIC CO.,LTD.
SKEY ALPS-SKEY Datasheet
191Kb / 3P
7.8mm Square(Snap-in Type)
SKQK ALPS-SKQK Datasheet
144Kb / 3P
6.6mm Square (Radial Type)
SKPD ALPS-SKPD_15 Datasheet
903Kb / 3P
7.8mm Square (Radial Type)
SKQK ALPS-SKQK_15 Datasheet
693Kb / 3P
6.6mm Square (Radial Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com