Electronic Components Datasheet Search
  English  ▼

X  

SKPDACD010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPDACD010
Description  7.8mm Square(Radial Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPDACD010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKPDACD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPDACD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPDACD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
251
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
List of Varieties
301
302
303
304
305
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
Contact
298
296
299
300
296
Carbon
Silver
Carbon
Silver
Carbon
Soft Feeling Type
□6
7
6.6
6.3
5
7.5
9.9
7.3
□7.8
5
8
9
10
5.9
6
6
6.7
5
7
6.6
6.3
5
V6.45
□7.8
Snap–in
Surface mount
Radial
SKEG
SKPE
SKEG
SKEY
SKPF
●
―
―
●
Horizontal
type
―
●
―
High operation force
and long stroke
Low contact
resistance
●
SKPM
●
―
SKPN
●
SKPG
●
SKPL
●
SKPD
●
Round terminal and
low contact resistance
―
Series
ー20℃ to +70℃ SKEG
ー40℃ to +90℃
100M
Ω min. 100V DC
SKEY/PD
:50MΩ min. 100V DC
250V AC for 1min. SKPN : 200V AC for 1min.
SKEY/PD : 100V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
―
●
―
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
Vertical
Horizontal
Operating
temperature
range
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
● TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
● TACT Switch
TM Cautions ………………………………………………………………………………………………………307
● Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com