Electronic Components Datasheet Search
  English  ▼

X  

SKPL Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPL
Description  6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPL Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
304
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Dimensions
Product Line
Circuit Diagram
Unit:mm
100m
Ω max.
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
2,700
Minimum order unit
(pcs.)
2.45N
1.96N
1.57N
Rubber
color
Yellow
Green
Gray
Vertical
Product No.
SKPLAFD010
SKPLAKD010
SKPLAGD010
1.3
50mA
16V DC
Rating
(min.)
10
BA
1V DC
100,000cycles
Operating
direction
Style
ø4.55
Rubber
dome
ø6.45
12.7
ø0.5
5
ø4
12.7
1
2
PC board mounting hole dimensions
(Viewed from switch mounting face)
5
2-ø0.9 holes
12
Refer to P.306 for soldering conditions.
1. Using a 1.6mm thick PC board is recommended.
2. Please place purchase orders for taping products per
minimum order unit (1 reel or a case).
Notes
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL Series
Soft feeling, low contact resistance metal contacts and round terminals with excellent PC
board mouting performance.
TACT SwitchTM
Specification of Radial Taping Package (Taping Packaging for Auto-insertion)
"!
!!"
Unit:mm
Box Size
2,700
27,000
27,000
Number of packages
(pcs.)
1 box
1 case /Japan
1 case
/export packing


Similar Part No. - SKPL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPLAFD010 ALPS-SKPLAFD010 Datasheet
833Kb / 3P
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPLAGD010 ALPS-SKPLAGD010 Datasheet
833Kb / 3P
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPLAKD010 ALPS-SKPLAKD010 Datasheet
833Kb / 3P
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
More results

Similar Description - SKPL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM Datasheet
194Kb / 3P
Low Contact Resistance (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
Long-travel with Low Contact Resistance (Surface Mount Type)
SKRC ALPS-SKRC Datasheet
146Kb / 3P
9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRG ALPS-SKRG Datasheet
153Kb / 3P
6.2mm Diameter Round Terminal (Radial Type)
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
Low Contact Resistance
logo
ALPS ELECTRIC CO.,LTD.
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
Low Contact Resistance (Surface Mount Type)
SKRC ALPS-SKRC_15 Datasheet
680Kb / 4P
9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRG ALPS-SKRG_15 Datasheet
760Kb / 4P
6.2mm Diameter Round Terminal (Radial Type)
logo
World Produts Inc.
PCMP489 WPI-PCMP489 Datasheet
214Kb / 8P
Low contact resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com