Electronic Components Datasheet Search
  English  ▼

X  

SKQB Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQB
Description  10mm Square Water-proof (Snap-in Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQB Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKQB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQB Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
266
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
PC board mounting hole dimensions
(Viewed from switch mounting face)
Horizontal type
3
H10
øA
10.3
Stem
0.7
0.7
1
2
3
4
2
H10
ø4
Stem
10.3
0.7
0.7
1
2
3
4
1
No.
Style
Dimensions
Vertical type
Stem height : 5mm
Vertical type
Unit:mm
h
A
3.8
3.5
13
23.2
10.3
4-ø1 holes
10.3
4-ø1 holes
11.1
6
2-ø
1 h
ole
s
2-ø
1.3
ho
les
Please use 1.6mm thick PC boards.
Note
10mm Square Water-proof (Snap-in Type)
SKQB Series
Water Resisting Performance
SKQBAP/SKQBAJ/SKQBAQ/
SKQBAM/SKQBAR/SKQBAS
SKQBLB
Temperature of water
Depth of water
Immersion duration
60
℃
60
℃
10cm
1h
10cm
240h
Model
Items
Vertical type
Circuit Diagram
12
34
Horizontal type
12
Switch terminals must be coated thoroughly until the terminals are all hidden.
Note
Refer to P.306 for soldering conditions.
11.5
ø4
0.7
0.7
6
11.1
0.3
1
3.4
4.2
4.2
7.7
Stem
1
2
Photo
TACT Switch
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com