Electronic Components Datasheet Search
  English  ▼

X  

SKQJ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQJ
Description  6.6mm Square(Snap-in Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQJ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKQJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TACT Switch
TM
262
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Dimensions
h
5
7
9.5
A
3.5
3.3
3
1
2
No.
Style
Unit:mm
Vertical type
PC board mounting hole dimensions
(Viewed from switch mounting face)
H6
H6.6
øA
6.5
0.7
0.7
Stem
1
2
4
3
6.5
4-ø1 holes
7
2-ø1.3 holes
2-ø1 holes
4.5
ø3.5
4.5
7
0.7
0.7
Stem
3.85
2.52
1
4
2.5
0.3
1
2
Photo
Horizontal type
Vertical type
Horizontal type
1
2
3
4
12
Circuit Diagram
Please use 1.6mm thick PC boards.
Note
6.6mmSquare (Snap-in Type)
SKQJ Series
TACT Switch
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com