Electronic Components Datasheet Search
  English  ▼

X  

SKRELFE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRELFE010
Description  1.5mm Height SidepushTM (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRELFE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRELFE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRELFE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRELFE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACT Switch
TM
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
290
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
Product Line
With guide
bosses
Operating
force
Travel
(mm)
Rating
(max.)
Operating life
(5mA 5V DC)
Initial contact
resistance
Variety
1.57N
2.16N
1.57N
2.16N
Product No.
SKRELHE010
SKRELJE010
SKRELFE010
SKRELGE010
0.2
50mA
12V DC
Rating
(min.)
10
BA
1V DC
100,000cycles
100m
Ω max.
Without
guide
bosses
Operating
direction
Horizontal
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Dimensions
Unit:mm
Circuit Diagram
12
Refer to P.306 for soldering conditions.
1.5mm Height Sidepush
TM (Surface Mount Type)
SKRE Series
Horizontal type with 3.9
G
G3.55G
G1.5mm dimension.
TACT Switch
TM
Guide bosses
¿0.65
4.8
1.7
1.2
3.9
1
2
Specification of Embossed Taping Package (Taping Packaging for Auto-insertion)
Plastic Reel
Reel Size
¿380
13.5
Unit:mm
2-ø
0.7
ho
les
5
3.2
1. Please place purchase orders for taping products per minimum
order unit (1 reel or a case).
2. For
φ330mm diameter reel requirements, please contact us.
Note
5,000
Minimum order unit
(pcs.)
5,000
50,000
50,000
12
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing


Similar Part No. - SKRELFE010

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SKRECFC KNIGHTSBRIDGE-SKRECFC Datasheet
91Kb / 1P
13A 3G recess mount power station with dual USB A C
22/04/2024
More results

Similar Description - SKRELFE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQN ALPS-SKQN Datasheet
158Kb / 3P
7.3횞6.85mm SidepushTM (Radial Type)
SKRD ALPS-SKRD Datasheet
198Kb / 3P
6.2횞7.15mm SidepushTM (Snap-in Type)
SKRT ALPS-SKRT Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
SKSC ALPS-SKSC Datasheet
190Kb / 3P
1.25mm Height Low-profile SidepushTM (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SSAD ALPS-SSAD Datasheet
304Kb / 4P
0.7(H)mm, 1.5mm-travel Surface Mount Type
SSAH ALPS-SSAH Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
logo
LUMEX INC.
SML-LX1106UPGC-TR LUMEX-SML-LX1106UPGC-TR_17 Datasheet
88Kb / 1P
3mm X 1.5mm Surface Mount
SML-LX1204USBCRATR LUMEX-SML-LX1204USBCRATR_17 Datasheet
435Kb / 2P
3mm X 1.5mm Surface Mount
SML-LX1206GC-TR LUMEX-SML-LX1206GC-TR_17 Datasheet
418Kb / 2P
3mm X 1.5mm Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com