Electronic Components Datasheet Search
  English  ▼

X  

SKRK Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRK
Description  3.9횞2.9mm Compact (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRK Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRK Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRK Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRK Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TACT Switch
TM
249
Sharp
Feeling
Soft
Feeling
Snap-in
Type
Surface
Mount Type
Radial
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
Custom-
Products
TACT Switch
TM
● TACT Switch
TM Soldering Conditions ………………………………………………………………………………………306
● TACT Switch
TM Cautions ………………………………………………………………………………………………………307
● Product Line of Knob for TACT Switch
TM ……………………………………………………………………………………308
SPEE
List of Varieties
Sharp Feeling Type
3.9
2.9
1.5
281
4.2
3.2
2.5
282
6
3.5
4.3
283
□6
0.9
279
280
6.1
2.5
□6.2
3.4
284
285
6.2
6.5
3.1
286
2.5
287
4.1
5.9
3.9
2.87
0.6
3
278
See the relevant pages for respective
product descriptions
Surface mount
Type
Dimensions
(mm)
W
D
H
1N
5N
Operation
force
coverage
Page
Features
Photo
Ground terminal
SKSD
●
●
Double action
Horizontal type
Double action
SKRN
●
―
SKSE
●
●
Compact size
Low-profile
SKRK
●
High operation force
Compact size
SKRP
●
Compact size
SKQM
●
Middle
stroke
SKQY
●
●
―
SKRA
●
―
SKHM
●
●
SKHU
●
●
Dust–proof
type
is available
Vertical
Horizontal
Series
Operating
temperature
range
ー30℃ to +85℃
100M
Ω min. 100V DC
10M
Ω min.
100V DC
250V AC for 1min.
SKSD/SE : 100V AC for 1min.
100V AC for
1min.
ー30±2℃ for 96h
ー40±2℃
for 96h
80
±2℃ for 96h
85
±2℃
for 96h
60
±2℃, 90 to 95%RH for
96h
40
±2℃, 90 to
95%RH for 96h
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2hours respectively
Shall be in accordance with individual specifications.
Insulation
resistance
Voltage
proof
Vibration
Lifetime
Cold
Dry heat
Damp heat
―
●
―
3.7
4
5
1.22
―
●
84
W
:Width. The most outer dimension excluding terminal portion.
D
:Depth. The most outer dimension excluding terminal portion.
H
:Height. The minimum dimension if there are variances.
ー30℃ to +85℃
ー10℃ to
+60℃
100M
Ω min. 100V DC
250V AC for 1min.
ー30±2℃ for 96h
80
±2℃ for 96h
60
±2℃, 90 to 95%RH for 96h
The automotive operating temperature range to be individually discussed upon request.
Note



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com