Electronic Components Datasheet Search
  English  ▼

X  

SKRV Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRV
Description  Low-profile 4-direction with Center-push Function (Surface Mount Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRV Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRV Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRV Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRV Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Variable
Resistor Type
Switch
Type
470
Multi Control
Devices
Multi Control Devices
Series
Items
Function
Dimensions
(typical value)
(mm)
Numberofoperatingshafts
Shaft material
Directional resolution
Directionaloperatingfeeling
(tactlefeelimg)
Leverreturnmechanism
Center-push
switch
Encoder
W
D
H
Manual soldering
Dip soldering
Reflow soldering
Page
List of Varieties
6.45
6.4
4
480
Switch type
SKRV
SKRH
SKRHAA,
SKRHAB
SKRHAC,
SKRHAD
481
7.35/7.45
7.5
5
4-direction
Single-shaft
4-direction
8-direction
With
Without
With
475
476
478
479
With
Without/With
17
20.5
10.5
5.45
13
11.7
12.3
6.4
2.3
Without
Metal
Single-shaft
Single-shaft/Dual-shaft
RKJXT1F
RKJXM
RKJXL
RKJXS
With
Resin
Please see P.492
350
±10℃ 3s
+1
0
350
±5℃ 3s max.
260
℃ max. 6s max.
260
±5℃, 5±1s
350
℃ max. 3s max.
–20
℃ to +70℃
10mA 5V DC
50M
Ω min. 50V DC
50V AC for 1min.
80
±2℃ for 96h
5V
5KΩ
+
Measuring
terminal
Measuring
circuit
20N
–40
±2℃ for 96h
85
±2℃ for 96h
60
±2℃,90 to 95%RH for 96h
30N
100M
Ω min. 250V DC
–30
℃ to +80℃
–30
℃ to +70℃
–40
℃ to +85℃
2.5
±1.5N
100N
0.4N
・m
0.3N
・m
0.15N
・m
8-direction
4-direction
300V AC for 1min. or 360V AC for 2s
5
±2N
3
±1.5N
4.5
±1N
15
±8mN・m
5N for 1min.
12
±8mN・m
8.3
±1 to 200±4 to 8.3±1Hz,
4.4G fixed
(for 15 min./1 cycle)
,3 angles each 2 hours
–40
±2℃ for 500h
85
±2℃ for 500h
60
±2℃, 90 to 95%RH for 500h
–30
℃ to +85℃
50mA 12V DC
100M
Ω min. 100V DC
100V AC for 1min.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
–30
±2℃ for 96h
4-direction
2.4
±0.69N
2.35
±0.69N
Rating
(max.)
(Resistive load)
Output
voltage
Terminal
strength
Operating life
without load
Pushing
direction
Operating
direction
Operatinglifewithload
(atratedload)
Insulation resistance
Operating temperature range
Directional resolution
Voltage proof
Push operating force
Encoder detent
torque
Vibration
Cold
Dry heat
Damp heat
With
Photo
Directional
operating force
0.8
±0.5N
40
±25mN・m
10
±7mN・m
DirectionAB
、BC、CD、DA
25
±20mN・m
Direction A
、
B
、
C
、
D
30
±20mN・m
1.2
±0.6N
1.23
±0.69N
1.2
±0.69N
● Switch Type Multi Control Devices Soldering Conditions ………………………………………………………………492
● Switch Type Multi Control Devices Cautions ………………………………………………………………………………493
1V max. at 1mA 5V DC
(Resistive load)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com