Electronic Components Datasheet Search
  English  ▼

X  

SPPH2 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH2
Description  1mm-travel Compact-sized Vertical Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH2 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPH2 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH2 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH2 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
96
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1mm-travel Compact-sized Vertical Type
SPPH2 Series
2
Non
shorting
Latching
Momentary
Latching
Momentary
Latching
Momentary
SPPH210100
SPPH210500
SPPH260100
SPPH230500
SPPH240100
SPPH240300
Poles
Changeover
timing
PC board
Mounting
method
Standard
Short
Knob
style
Operation
1
3
2
1
Drawing
No.
Product No.
Product Line
Rating
Straight
10,000
Snap-in
Terminal
type
Minimum order
unit
(pcs.)
1.5
Total travel
(mm)
1
Travel
(mm)
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
Notes
1mm short travel.
Push Switch
Operating life
0.1A 12V DC/50
BA 3V DC
2
±1N
30m
Ω max./50mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
10,000cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications


Similar Part No. - SPPH2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH210100 ALPS-SPPH210100 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH210500 ALPS-SPPH210500 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH230500 ALPS-SPPH230500 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH240100 ALPS-SPPH240100 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH240300 ALPS-SPPH240300 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
More results

Similar Description - SPPH2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4_15 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com