Electronic Components Datasheet Search
  English  ▼

X  

AS1100WE Datasheet(PDF) 3 Page - ams AG

Part # AS1100WE
Description  Serially Interfaced, 8-Digit LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100WE Datasheet(HTML) 3 Page - ams AG

  AS1100WE Datasheet HTML 1Page - ams AG AS1100WE Datasheet HTML 2Page - ams AG AS1100WE Datasheet HTML 3Page - ams AG AS1100WE Datasheet HTML 4Page - ams AG AS1100WE Datasheet HTML 5Page - ams AG AS1100WE Datasheet HTML 6Page - ams AG AS1100WE Datasheet HTML 7Page - ams AG AS1100WE Datasheet HTML 8Page - ams AG AS1100WE Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com
Revision 1.33
3 - 17
AS1100
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VDD to GND
-0.3
+6
V
DIN, CLK, LOAD to GND
-0.3
+6
V
All other Pins to GND
-0.3
VDD + 0.3
V
VOUT
-0.3
7
V
Electro Static Discharge at Digital
Outputs
+500
V
Electro Static Discharge at all other pins
+1000
V
Current
DIG0–DIG7 Sink Current
500
mA
SEGA–G, DP Source Current
100
mA
Latch up Immunity
±200
mA
Continuous Power Dissipation (TA = +85°C)
Narrow Plastic DIP
1066
mW
Derate 13.3mW/°C above +70°C
Wide SO
941
mW
Derate 11.8mW/°C above +70°C
Operating Temperature Ranges (TMIN to TMAX)
AS1100xL
0
+70
ºC
AS1100xE
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com