Electronic Components Datasheet Search
  English  ▼

X  

SPPH4 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH4
Description  2.2mm-travel Medium-sized Vertical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH4 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPH4 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH4 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
98
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
With
Without
With
2
Non
shorting
Latching
Momentary
Latching
Momentary
SPPH410100
SPPH410200
SPPH420100
SPPH430100
SPPH430200
Location
lug
6,000
Minimum order
unit
(pcs.)
Poles
Changeover
timing
Straight
Snap-in
Terminal
type
Operation
Product No.
Product Line
―
Rating
PC board
Mounting
method
2.2
Travel
(mm)
3
Total travel
(mm)
1. Above dimensions indicate "with location lug" version.
2. Please place purchase orders per minimum order unit (integer).
3. Products other than those listed in the above chart are also available. Please contact us for details.
Notes
Easy to use mid-size vertical type push switch.
2.2mm-travel Medium-sized Vertical Type
SPPH4 Series
Push Switch
0.1A 30V DC/50
BA 3V DC
2
±1N
100m
Ω max.
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(initial performance)
Operating force
10,000cycles
(0.1A 30V DC)
Operating life with load
Typical Specifications
3
2.5 2.5
ø1.2 hole
6-ø0.9 holes
For location lug
Thickness of PC board t=1.6mm
2.5
6.5
4
3.3
0.3
5.4
PC board mounting
surface
Location lug
(0.2)
4
3.3
2.5
8.5
0.5
2.5
2.5
3
Terminal No.
Terminal No.
Terminal No.
A
ø1
1
2
3
0.3
5.4
0.3
5.4
12 3
4 5 6
(Common)
(Common)
Circuit Diagram(Viewed from Direction A)
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Straight terminal
Snap-in terminal
Terminal Configuration
Unit:mm


Similar Part No. - SPPH4

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH410100 ALPS-SPPH410100 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPH410200 ALPS-SPPH410200 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPH420100 ALPS-SPPH420100 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPH430100 ALPS-SPPH430100 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPH430200 ALPS-SPPH430200 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
More results

Similar Description - SPPH4

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
1.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
1mm-travel Compact-sized Vertical Type
SPPH4 ALPS-SPPH4_15 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com