Electronic Components Datasheet Search
  English  ▼

X  

SPUJ Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUJ
Description  2mm-travel Horizontal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUJ Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPUJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2.5
G5
0.7
Gø0.9 holes
(2.5)
3.2
0.7
Thickness of PC board t=1.6mm
2.5
G5
ø1 holes
2.5
7.4
4-poles:22.7
7.5
5
Travel
Total travel
Terminal No.1
7.2
8.8
4
PC board mounting face
A
1
2
3
4
5
6
Actuator Configuration at Front Edge
Straight terminal
Snap-in terminal
Knob face
(1.5)
H2
H2.8±0.1
R0.5
Dimensions
2-poles, 4-poles
Unit:mm
Unit:mm
4-poles
1
2
3
4
5
6
7
8
9
!11
!2
!0
Style
PC board mounting hole dimensions
(Viewed from the direction A)
2-poles
Circuit Diagram
(Viewed from Direction A)
2mm-travel Horizontal Type
SPUJ Series
Refer to P.107 for knobs.
Straight
Snap-in
Straight
Snap-in
Straight
Snap-in
Straight
2
4
Non
shorting
Latching
Momentary
Latching
Momentary
2
SPUJ190900
SPUJ191000
SPUJ191500
SPUJ191900
SPUJ193700
SPUJ193900
SPUJ194500
Poles
―
Rating
Changeover
timing
PC board
Terminal
style
3,000
2,000
Minimum order
unit
(pcs.)
Operation
Travel
(mm)
3
Total travel
(mm)
Product No.
Product Line
Mounting
method
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
3. Please contact us for automotive use.
Notes
Horizontal type suitable for multiple circuits.
Push Switch
Operating
life
0.1A 30V DC/50
BA 3V DC
20m
Ω max./40mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
10,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
Operating
forces
1.5
±1N
2.3
±1N
2-poles
4-poles


Similar Part No. - SPUJ

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUJ190900 ALPS-SPUJ190900 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUJ191000 ALPS-SPUJ191000 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUJ191500 ALPS-SPUJ191500 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUJ191900 ALPS-SPUJ191900 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUJ193700 ALPS-SPUJ193700 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
More results

Similar Description - SPUJ

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SSAA ALPS-SSAA Datasheet
279Kb / 4P
2mm-travel Type
SSAB ALPS-SSAB Datasheet
261Kb / 3P
1.9/2mm-travel, for Modulator Switching Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
logo
SHINMEI ELECTRIC CO., L...
SLM-13-744B-T45 SHINMEI-SLM-13-744B-T45 Datasheet
102Kb / 3P
2mm Travel Thin Type Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
2mm Travel Thin Type Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com