Electronic Components Datasheet Search
  English  ▼

X  

DRV604PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604PWPR
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV604PWPR Datasheet HTML 10Page - Texas Instruments DRV604PWPR Datasheet HTML 11Page - Texas Instruments DRV604PWPR Datasheet HTML 12Page - Texas Instruments DRV604PWPR Datasheet HTML 13Page - Texas Instruments DRV604PWPR Datasheet HTML 14Page - Texas Instruments DRV604PWPR Datasheet HTML 15Page - Texas Instruments DRV604PWPR Datasheet HTML 16Page - Texas Instruments DRV604PWPR Datasheet HTML 17Page - Texas Instruments DRV604PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
GND
GND
U1
PDRV604
+LD_L
1
-LD_L
2
OUT_LDL
3
AGND
4
EN_LD
5
PVSS_LD
6
CN_LD
7
PGND
19
CP_HP
21
PGND
24
Ex_UVP
25
OUT_LDR
26
-LD_R
27
+LD_R
28
CN_HP
8
PVSS_HP
9
EN_HP
10
AGND
11
OUT_HPL
12
-HP_L
13
+HP_L
14
+HP_R
15
-HP_R
16
OUT_HPR
17
NC
18
PVDD_HP
20
CP_LD
22
PVDD_LD
23
C5
1uF
C3
1uF
2
1
C1
1uF
2
1
GND
R4
1R
1
2
C7
10uF
C2
2.2uF
2
1
VSUP
GND
EN_LD
LD_L_OUT
LD_L_IN
EN_HP
C4
1uF
2
1
R3
22k
1
2
R2
3.90k
R12
33.0k
R11
10.0k
C13
22pF
C11
10uF
1
2
C12
330pF
2
1
C6
1uF
R13
33.0k
1
2
C9
470pF
GND
R1
10k
GND
GND
GND
HP_L_OUT
HP_L_IN
R22
30.0k
R21
10.0k
C23
22pF
C21
10uF
1
2
C22
330pF
2
1
R23
33.0k
1
2
GND
GND
C8
1uF
GND
GND
HP_R_IN
HP_R_OUT
R25
30.0k
R24
10.0k
C26
22pF
C24
10uF
1
2
C25
330pF
2
1
R26
33.0k
1
2
+3.3V
GND
LD_L_IN
LD_L_OUT
R15
33.0k
R14
10.0k
C16
22pF
C14
10uF
1
2
C15
330pF
2
1
R16
33.0k
1
2
DRV604
SLOS659 – JANUARY 2010
www.ti.com
APPLICATION CIRCUIT
Single-Ended Input and Output with 3.3x Gain in the Line Section, 3x Gain in the Headphone Section.
AC-Coupling Input with a High Pass Pole of 1.6Hz, 2nd Order Low Pass Filter at 50kHz.
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com