Electronic Components Datasheet Search
  English  ▼

X  

SPVG211300 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVG211300
Description  2mm-thick Two-way Operation Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVG211300 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SPVG211300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVG211300 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Power
26
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
List of Varieties
(General-purpose Type)
Rating
(min.)
(Resistive load)
1mA 5V DC
2
Ω max.
5N
1N for
1 minute
0.35N max.
SPVL
60
0.55N max.
SPVP
49
0.85N max.
SPVC1
50
1
53
SPVN
51
0.35N max.
SPVS
55
0.4N max.
SPVG
Cold
Dry
heat
Damp
heat
Operating
temperature range
Rating
(max.)
(Resistive load)
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Actuator
strength
Series
Photo
Operation type
Dimensions
(mm)
Soldering
Page
Number of
poles
W
Operation force
D
H
Manual
soldering
Dip
soldering
Reflow
soldering
General-purpose Type
0.35N max.
SSCM
48
0.7N max.
46
SSCF
10mA 16V DC
ー40℃ to +85℃
1
Ω max.
3N for
1 minute
0.5N for 1 minute
10N
5N
10N
260
±5℃,
3s max.
―
100M
Ω min. 100V DC
100V AC for 1 minute
―
Please see P.79
350
±5℃, 3s max.
5
Ω max.
500m
Ω max.
1mA 5V DC
5N
50mA 20V DC
2
Ω max.
350
±10℃,
3s
+1
0
1mA 5V DC
0.5N
0.5N for 1 minute
ー10℃ to +60℃
ー40℃ to +85℃
0.1A 12V DC
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
ー20±2℃ for 96h
5N for
1 minute
10N
100m
Ω max.
2
Ω max.
5
4
1.5
3.5
5.65
1.2
6.3
7.4
2.8
3.8
3.6
1
3.5
3.3
5.5
6.5
2
11
5.8
12.4
Please see P.79
350
±10℃,
3s
+1
0
350
±5℃, 3s max.
―
260
±5℃,
5
±1s
―
50
BA 3V DC
100
BA 3V DC
100
BA 3V DC
50
BA 3V DC
Operating life
without Load
Operating life
with Load
50,000cycles
200mΩ max.
50,000cycles
5Ω max.
50,000cycles
10Ω max.
25,000cycles
2Ω max.
50,000cycles 5Ω max.
100,000cycles
1Ω max.
(0.1A12VDC)
50,000cycles300mΩ max.
(1mA 5V DC)
50,000cycles 5Ω max.
(1mA5VDC)
50,000cycles10Ω max.
(10mA 16V DC)
25,000cycles 2Ω max.
(1mA 5V DC)
50,000cycles 5Ω max.
(50mA 20V DC)
100,000cycles 1Ω max.
ー40±2℃
for 96h
5.55
6.6
1
50
BA 3V DC
50,000cycles
5Ω max.
(1mA 5V DC)
50,000cycles 5Ω max.
ー20±2℃
for 96h
● Detector Switches Soldering Conditions ……………………………………………………………………………………79
● Detector Switches Cautions ……………………………………………………………………………………………………80
Detector Switches



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com