Electronic Components Datasheet Search
  English  ▼

X  

SPVN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVN
Description  Low-profile Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power
51
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Product Line
Poles
1
1
SPVN110101
Positions
Operating
direction
With
SPVN120101
Without
SPVN210101
With
SPVN220101
Without
Right
Left
Drawing
No.
1
2
SPVN310100
With
SPVN320100
Without
SPVN410100
With
SPVN420100
Without
Right
Left
3
4
Location
lug
20,000
Minimum
order unit
(pcs)
Standard
Long
Lever
length
Product No.
For PC board
(Reflow)
Terminal
type
Low-profile Two-way Operation Type
SPVN Series
Low-profile type with thickness of 1mm.
Detector Switch
Operating life
1mA 5V DC/50
BA 3V DC
0.35N max.
2
Ω max./5Ω max.
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
50,000cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Taping Specifications (Taping Packaging)
Reel Size
ø380
17.4
Unit:mm
5,000
10,000
20,000
16
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit (integer).
Note


Similar Part No. - SPVN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVN110101 ALPS-SPVN110101 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVN120101 ALPS-SPVN120101 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVN210101 ALPS-SPVN210101 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVN220101 ALPS-SPVN220101 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVN310100 ALPS-SPVN310100 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
More results

Similar Description - SPVN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVG ALPS-SPVG Datasheet
770Kb / 7P
2mm-thick Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVT ALPS-SPVT Datasheet
1Mb / 5P
1.9mm-thick Two-way Operation Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com