Electronic Components Datasheet Search
  English  ▼

X  

STHV748QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STHV748QTR
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STHV748QTR Datasheet HTML 9Page - STMicroelectronics STHV748QTR Datasheet HTML 10Page - STMicroelectronics STHV748QTR Datasheet HTML 11Page - STMicroelectronics STHV748QTR Datasheet HTML 12Page - STMicroelectronics STHV748QTR Datasheet HTML 13Page - STMicroelectronics STHV748QTR Datasheet HTML 14Page - STMicroelectronics STHV748QTR Datasheet HTML 15Page - STMicroelectronics STHV748QTR Datasheet HTML 16Page - STMicroelectronics STHV748QTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STHV748
Electrical characteristics
Doc ID 15450 Rev 1
13/22
VDROP_CW
Voltage drop between
HVP1 and XDCR
HVP# =10V, HVM# =-10V,
ISINK_XDCR=50mA
2.62
2.79
2.96
V
Voltage drop between
XDCR and HVM1
HVP# =10V, HVM# =-10V,
ISOURCE_XDCR=50mA
2.69
2.86
3.03
V
1.
Operating conditions, unless otherwise specified, EN = 1, HVP# = 90 V, HVM# = -90 V, VDDP = 3 V, VDDM = - 3 V,
DVDD = 3 V, TROOM = 25 °C.
Table 10.
Static electrical characteristics (1) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com