Electronic Components Datasheet Search
  English  ▼

X  

SPVQ4 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ4
Description  Water-proof Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ4 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ4 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ4 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power
27
Detector
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
TACT SwitchTM
Custom-
Products
Detector Switches
List of Varieties
(General-purpose Type / Water-proof Type / Telephone-hook Type)
ー40±2℃ for 500h
85
±2℃ for 500h
ー40℃ to +85℃
0.1A 12V DC
300
±10℃, 3
s
+1
0
260
±5℃, 5±1s
100M
Ω min. 500V DC
500V AC for 1 minute
3N for 1 minute
500m
Ω max.
10N
60
±2℃, 90 to 95%RH for 500h
20N
Cold
Dry
heat
Damp
heat
Operating
temperature range
Rating
(max.)
(Resistive load)
Initial contact
resistance
Insulation
resistance
Voltage
proof
Terminal
strength
Actuator
strength
Series
Photo
Operation type
Dimensions
(mm)
Soldering
Page
Number of
poles
W
Operation force
D
H
Manual
soldering
Dip
soldering
Reflow
soldering
General-purpose Type
Telephone-hook
Type
Water-proof Type
1
67
SPVQ4
SPVQ1
SPVQ3
63
2N max.
5.9N max.
73
1
±0.5N
1
±0.3N
2N max.
SSCN
76
2N max.
SPVQ5
62
1
±0.5N
SPVQ6
74
2
0.8N max.
77
SPPY5
–10
℃ to
+60℃
0.1mA 3V DC min.
50mA 48V DC max.
100m
Ω max.
5N for
1 minute
5N
350
±5℃,
3s max.
–20
±2℃
for 96h
85
±2℃
for 96h
40
±2℃, 90 to
95%RH for 96h
Please see
P.79
1N max.
SSCW
61
0.1A 20V DC
100M
Ωmin.
250V DC
250V AC for
1 minute
13.1
11.35
5.3
100
BA 3V DC
100,000cycles
1Ω max.
(0.1mA 12V DC)
100,000cycles 1
Ωmax.
13.3
5.8
8
13
8.35
14.7
5.4
7.6
13.3
5.3
7
13
25
5
14.4
28.6
7.15
13.8
5.8
50
BA 3V DC
50
BA 3V DC or
1mA 5V DC
Rating
(min.)
(Resistive load)
50
BA 3V DC
100
BA 3V DC
50
BA 5V DC
0.1mA 3V DC
Operating life
without Load
Operating
life
with Load
300,000cycles
1Ω max.
300,000cyclesor
1,200,000cycles1Ω max.
300,000cycles 1Ω max.
100,000cycles
1Ω max.
300,000cycles
1Ω max.
(0.1A 12V DC)
300,000cycles 1Ω max.
(0.1A 12V DC)
300,000cycles
or 1,200,000
1Ω max.
(0.1A 12V DC)
300,000cycles 1Ω max.
(0.1A 12V DC)
100,000cycles 1Ω max.
(1mA3VDC)
300,000cycles 1Ω max.
or(50mA60VDC)
100,000cycles 1Ω max.
● Detector Switches Soldering Conditions ……………………………………………………………………………………79
● Detector Switches Cautions ……………………………………………………………………………………………………80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com