Electronic Components Datasheet Search
  English  ▼

X  

SRBD Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBD
Description  Heavy-torque Feel, Low-profile Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBD Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRBD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBD Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Detector
Push
Slide
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
157
Rotary
ー10℃ to +60℃
ー40℃ to +85℃
10,000cycles
100m
Ω max.
10,000cycles
100m
Ω max.
10,000cycles
250m
Ω max.
10,000cycles
100m
Ω max.
10,000cycles
150m
Ω max.
30,000cycles
100m
Ω max.
10,000cycles
70m
Ω max.
10,000cycles
100m
Ω max.
10,000cycles
250m
Ω max.
Operating life
without load
Operating life with
load
Load : (at rated load)
10,000cycles
40m
Ω max.
10,000cycles
60m
Ω max.
0.1A 16V DC
50
BA 3V DC
0.1A 16V DC
50
BA 3V DC
0.3A 16V DC
50
BA 3V DC
1mA 5V DC
50
BA 3V DC
0.25A 30V DC
50
BA 3V DC
0.15A 12V DC
50
BA 3V DC
Operating temperature
range
Rating(max)/(min)
(Resistive load)
ー10℃ to +60℃
ー25℃ to +85℃
● Rotary Switches Shaft Style …………………………………………………………………………………………………171
● Rotary Switches Soldering Conditions ……………………………………………………………………………………172
● Rotary Switches Attached Parts ……………………………………………………………………………………………173
● Rotary Switches Cautions ……………………………………………………………………………………………………174
Series
Photo
Step angle
Number of
poles
Dimensions
(mm)
W
10
1.7
16.2
18.5
7.5
11.4
12.5
10
11.5
12.4
3.5
D
H
SRBD
SRBQ
Insertion Reflow type
SRBM
SRBV
SRRM
SRRN
30
±3°
30
±3°
1
1
2
3
4
2
3
4
1
2
1
40
±3°
36
°
18
±3°
Rotary
Pulse
List of Varieties
100M
Ω min. 100V DC
100M
Ω min.
500V DC
100M
Ω min. 100V DC
500V AC
for 1minute
100V AC for 1minute
100V AC for 1minute
5N for 1minute
5N for 1minute
3N for 1minute
0.6N
・m
20N
50N
Initial contact
resistance
Insulation
resistance
Voltage proof
Rotational
direction
Push
direction
Actuator
strength
Wobble of
actuator
Measuring
position from
mounting
surface
Shaft
wobble
(max.
value
)
10
0.17
0.25
15
20
15
Applicable
mounting
dimension
Distance from
mounting
surface to the
tip of shaft
The below table
shows for SRBQ
below 5
0.5 max.
0.9 max.
1.2 max.
above 5 and below 10
above 10 and below 15
Shaft
wobble
(max.value)
Load at the tip of shaft
SRRM : 5N
SRBV, SRBQ : 1N
(Unit : mm)(Unit : mm)
Measuring
position from
mounting
surface
Shaft
wobble
(max.
value
)
10
0.2
0.3
15
20
15
Applicable
mounting
dimension
The below table
shows for SRBV
10N for 1minute
1N
・m
100N
100M
Ω min.
500V DC
500V AC
for 1minute
1N
・m
Measuring position
from mounting surface
10mm
Load at the tip of shaft : 5N
0.17
mm
15
mm
15mm
0.25
mm
20
mm
Shaft wobble
(max.value)
Applicable
mounting
dimension
0.5N
・m
(Unit : mm)
ー20±2℃ for 96h
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
350
±5℃
3s max.
350
±10℃
3+1s
0
260
±5℃
5
±1s
260
±5℃
10
±1s
Cold
Dry heat
Damp heat
Manual
soldering
Dip soldering
Please see P.172
Reflow
soldering
60
±2℃,
90 to 95%RH for 500h
–40
±2℃ for
500h
85
±2℃ for
500h
Page
158
165
162
169
160
167
350
±10℃, 3
+1 s
0
260
±5℃
10
±1s
260
±3℃
5s max.
Rotary Switches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com