Electronic Components Datasheet Search
  English  ▼

X  

SRBQ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBQ
Description  9-position Low-profile Vertical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBQ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SRBQ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBQ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBQ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBQ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Detector
Push
Slide
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
161
Rotary
11.4
PC board mounting face
ø
2.4
A
14
7.6
0.8
C0.2
Depth 1.4
Terminal No. !0
9.8
3.5
4.6
11.4
3
0.5
C0.3
PC board mounting face
C
0.
5
(ø4.6)
Terminal No. 1
A
Terminal No. !0
9.8
3.5
4.6
11.4
3
0.5
C0.3
PC board mounting face
C
0.
5
(ø4.6)
A
0.2
Terminal No. !0
Terminal No.1
Dimensions
Circuit Diagram (Viewed from Direction A)
Insertion Type
Standard torque
Heavy torque
Unit:mm
12
10-ø1 holes
Reflow Type
Unit:mm
1
3
2
No.
Style
PC board mounting hole dimensions
(Viewed from the direction A)
No.
Style
PC board mounting hole
and land dimensions
(Viewed from the direction A)
14.8
4-ø0.9 holes
12.4
7.6
Pattern section
+
1
2
3
4
5
6
7
8
9
!0
9-position Low-profile Vertical Type
SRBQ Series
Rotary Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com