Electronic Components Datasheet Search
  English  ▼

X  

SRBV Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBV
Description  8-position Low-profile Vertical Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBV Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBV Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRBV Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Detector
Push
Slide
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
165
Rotary
8-position Low-profile Vertical Type
SRBV Series
Refer to P.171 for shaft configurations.
Refer to
P.173 for attached parts.
1
30
±3°
Non shorting
Flat
L=15
L=20
L=15
L=20
L=15
L=20
L=15
L=20
L=15
SRBV131803
SRBV131502
SRBV141404
SRBV141201
SRBV151102
SRBV150901
SRBV160803
SRBV170701
SRBV170501
SRBV181004
Poles
Changeover
angle
3
4
5
6
7
8
Positions
Changeover
timing
Actuator
configuration
Actuator length
(mm)
330
Minimum order
unit
(pcs.)
Product No.
Product Line
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit(integer).
Notes
Low-profile 7.5mm height contributes to flexibility in set design.
Rotary Switch
Typical Specifications
Items
Rating
(max.)
/
(min.)
(Resistive load)
0.3A 16V DC/50
BA 3V DC
50m
Ω max./150mΩ max.
10,000cycles
10,000cycles
(0.3A 16V DC)
Contact resistance
(Initial/After operating life)
30
±15 mN・m
Rotational torque
Operating life
Without load
With load
Specifications


Similar Part No. - SRBV

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBV131502 ALPS-SRBV131502 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRBV131803 ALPS-SRBV131803 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRBV141201 ALPS-SRBV141201 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRBV141404 ALPS-SRBV141404 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRBV150901 ALPS-SRBV150901 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
More results

Similar Description - SRBV

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E2001-10017 ITT-E2001-10017 Datasheet
77Kb / 1P
ASSEMBLY, VERTICAL, 8 POSITION, PHD-TEMPUS
logo
ALPS ELECTRIC CO.,LTD.
SRBQ ALPS-SRBQ Datasheet
190Kb / 4P
9-position Low-profile Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
6-position Vertical Type
logo
Molex Electronics Ltd.
0428788506 MOLEX5-0428788506 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/8
0428788410 MOLEX5-0428788410 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/8
logo
ALPS ELECTRIC CO.,LTD.
SRBQ ALPS-SRBQ_15 Datasheet
952Kb / 4P
9-position Low-profile Vertical Type
SRBV ALPS-SRBV_15 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
6-position Vertical Type
logo
Molex Electronics Ltd.
0428788410 MOLEX1-0428788410_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/8
0428788506 MOLEX1-0428788506_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com