Electronic Components Datasheet Search
  English  ▼

X  

SRGP Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP
Description  Hollow Shaft Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRGP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Encoder
Type
Potentiometer
Type
452
Hollow Shaft
Type Devices
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. It is requested that the order placed be an integer multiple of the minimum order units. For export packing, please
consult us.
Notes
Hollow Shaft Type
SRGP Series
Product Line
Vertical
7
±3
13
±4
6.5
±4
20
16
32
10
16
Number of
pulse
Product No.
SRGP200200
1
SRGPWJ0500
2
SRGPWJ0200
Drawing
No.
Minimum order
unit
(pcs.)
Operating
direction
Detent torque
(mN・m)
Number of
detent
1,000
600
Hollow-center shaft encoder enabling various combinations.
Hollow Shaft Type Devices
10mA 5V DC/50
BA 3V DC
50,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
1V max. at 1mA 5V DC
(Resistive load)
Output voltage
Items
Specifications
Operating life
Without load
With load
50,000cycles
Typical Specifications


Similar Part No. - SRGP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SRGP10Q GULFSEMI-SRGP10Q Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200V CURRENT: 1.0A
logo
ALPS ELECTRIC CO.,LTD.
SRGP30 ALPS-SRGP30 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP300100 ALPS-SRGP300100 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP40 ALPS-SRGP40 Datasheet
155Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP400100 ALPS-SRGP400100 Datasheet
155Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
More results

Similar Description - SRGP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com