Electronic Components Datasheet Search
  English  ▼

X  

SRGP40 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP40
Description  Low-profile and Hollow Shaft Surface Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP40 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRGP40 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP40 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP40 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Encoder
Type
Potentiometer
Type
451
Hollow Shaft
Type Devices
1mA 5V DC/50
BA 3V DC
100,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
1V max. at 1mA 5V DC
(Resistive load)
Output voltage
Items
Specifications
Operating life
Without
resistor
With resistor
100,000cycles
Typical Specifications
Low-profile and Hollow Shaft Surface Mount Type
SRGP40 Series
Product Line
Surface mount encoder with 1.55mm height
V
V9.23mm contribute in space saving
Recommened patern for reflow
(All tolerance shall be
%0.05)
Dimensions
Unit:mm
12.5
14.4
19.1
Style
2
±1
24
12
SRGP400100
Product No.
Detent torque
(mN・m)
Number of
detent
Number of
pulse
Reflow
Soldering
3,200
3.5
±1
SRGP400200
Minimum order unit
(pcs.)
9.7
8.9
10
17.5
ø1
7
1
Ground term.
2
C
2
1
A
T4
T3
T2
T1
CCW
CW
12.8
12
A - A
2 - 1.2
2 - 2
A
0.5
1.55
0.95
0.15
12.5
ø10.7
Phase defference of code portion
1
2
OFF
ON
OFF
ON
T
T1, T3 = 1 / 4T ± 1 / 8T
T2, T4 = Phase difference shall
not be reverseed
(30
$)
(15
$)
Detent position
Hollow Shaft Type Devices
Taping Specification (Taping Packeging)
Reel Size
¿380
33.4
Unit:mm
800
1,600
3,200
32
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/
Japan
1 case
/export
packing
Order products in N minimum order units
(1 reel or 1 case).
Note


Similar Part No. - SRGP40

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Gulf Semiconductor
SRGP10Q GULFSEMI-SRGP10Q Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200V CURRENT: 1.0A
logo
ALPS ELECTRIC CO.,LTD.
SRGP200200 ALPS-SRGP200200 Datasheet
124Kb / 3P
Hollow Shaft Type
SRGP30 ALPS-SRGP30 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP300100 ALPS-SRGP300100 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
More results

Similar Description - SRGP40

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
SRGP30 ALPS-SRGP30 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com