Electronic Components Datasheet Search
  English  ▼

X  

SRRM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRRM
Description  12-position General-purpose Vertical Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRRM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRRM Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRRM Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRRM Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRRM Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRRM Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Detector
Push
Slide
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
167
Rotary
12-position General-purpose Vertical Type
SRRM Series
Refer to P.171 for shaft configurations.
Refer to
P.173 for attached parts.
Product Line
1
2
3
12
5
30
±3°
6
4
4
3
Shorting
Non shorting
※
Shorting
15
20
15
20
SRRM1C6200
SRRM1C5400
SRRM1C7800
SRRM254700
SRRM262400
SRRM264300
SRRM342800
SRRM433700
Poles Positions
Changeover
angle
Changeover
timing
Round shaft with
groove
Flat
Round shaft with
groove
Flat
Round shaft with
groove
18-tooth serration
Actuator
configuration
Actuator length
(mm)
600
Minimum order
unit
(pcs.)
Product No.
1. Products other than those listed in the above chart are also available. Please contact us for details.
2.
※Non-shorting type requires external wiring of common terminals.
3. All the axis are die casting shafts.
4. Please place purchase orders per minimum order unit(integer).
5.
※Round-shaft with groove(shaft length 20mm) type are 8mm length.
Notes
Typical Specifications
Items
Rating
(max.)
/
(min.)
(Resistive load)
0.25A 30V DC/50
BA 3V DC
20m
Ω max./60mΩ max.
10,000cycles
10,000cycles
(0.25A 30V DC)
Contact resistance
(Initial/After operating life)
Operating life
Without load
With load
Specifications
80
±30mN・m
70
±30mN・m
Rotational
torque
Shorting
Non-shorting
Endless
General-purpose type switch applicable to a wide range of electronic devices.
Rotary Switch
PC board mounting face
3.2
4
※6
2
(18.7)
15.5
(8.7) 1.2
0.8
A
M9G0.75
L
12.5
10
9.5
0.7
ø24
1.6
Unit:mm
Style
Unit:mm
3.2
Dimensions
Terminal Configuration


Similar Part No. - SRRM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRRM1C5400 ALPS-SRRM1C5400 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
SRRM1C6200 ALPS-SRRM1C6200 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
SRRM1C7800 ALPS-SRRM1C7800 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
SRRM254700 ALPS-SRRM254700 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
SRRM262400 ALPS-SRRM262400 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
More results

Similar Description - SRRM

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
General-purpose Type
SRBQ ALPS-SRBQ Datasheet
190Kb / 4P
9-position Low-profile Vertical Type
SRBV ALPS-SRBV Datasheet
191Kb / 5P
8-position Low-profile Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
6-position Vertical Type
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
General-purpose Type
SRBQ ALPS-SRBQ_15 Datasheet
952Kb / 4P
9-position Low-profile Vertical Type
SRBV ALPS-SRBV_15 Datasheet
925Kb / 4P
8-position Low-profile Vertical Type
SRRM ALPS-SRRM_15 Datasheet
1Mb / 5P
12-position General-purpose Vertical Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
6-position Vertical Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com