Electronic Components Datasheet Search
  English  ▼

X  

AS1106WL Datasheet(PDF) 19 Page - ams AG

Part # AS1106WL
Description  8-Digit LED Display Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106WL Datasheet(HTML) 19 Page - ams AG

Back Button AS1106WL Datasheet HTML 12Page - ams AG AS1106WL Datasheet HTML 13Page - ams AG AS1106WL Datasheet HTML 14Page - ams AG AS1106WL Datasheet HTML 15Page - ams AG AS1106WL Datasheet HTML 16Page - ams AG AS1106WL Datasheet HTML 17Page - ams AG AS1106WL Datasheet HTML 18Page - ams AG AS1106WL Datasheet HTML 19Page - ams AG AS1106WL Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com
Revision 2.24
19 - 20
AS1106, AS1107
Data Sheet - Or dering Informati on
11 Ordering Information
The AS1106 and AS1107 are available in 24-pin DIP and 24-pin SOIC packages.
All devices are RoHS compliant and free of halogene substances.
Table 25. Ordering Information
Part
Temperature Range
Delivery Form
Package
AS1106PL
0 to +70°C
Tubes
24-pin Narrow Plastic DIP, Pb-free
AS1106WL
0 to +70°C
Tubes
24-pin Wide SO, Pb-free
AS1106WL-T
0 to +70°C
Tape and Reel
24-pin Wide SO, Pb-free
AS1106PE
-40 to +85°C
Tubes
24-pin Narrow Plastic DIP, Pb-free
AS1106WE
-40 to +85°C
Tubes
24-pin Wide SO, Pb-free
AS1106WE-T
-40 to +85°C
Tape and Reel
24-pin Wide SO, Pb-free
AS1107PL
-40 to +85°C
Tubes
24-pin Narrow Plastic DIP, Pb-free
AS1107WL
-40 to +85°C
Tubes
24-pin Wide SO, Pb-free
AS1107WL-T
-40 to +85°C
Tape and Reel
24-pin Wide SO, Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com