Electronic Components Datasheet Search
  English  ▼

X  

SSAB Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAB
Description  1.9/2mm-travel, for Modulator Switching Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAB Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAB Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAB Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAB Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Other Use type
Small size
General Use type
Big size
General Use type
152
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Line
Vertical
Horizontal
1
2
Non
shorting
3
6
5
1
2
Actuator
direction
Poles
Changeover
timing
Actuator
length
(mm)
Product No.
Positions
Drawing
No.
SSAB010200
SSAB010100
SSAB110100
1.9
2
Travel
(mm)
Snap-in
(t1.2)
Mounting
method
Manual,
Dip
Soldering
10,000
Minimum order
unit
(pcs.)
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit(integer).
Notes
4.2mm body width contribute in space saving.
1.9/2mm-travel, for Modulator Switching Type
SSAB Series
Slide Switch
Typical Specifications
Items
Rating
(max.)/
(min.)
(Resistive load)
0.1A 12V DC/50
BA 3V DC
30m
Ωmax./80mΩmax.
Refer to the dimensions.
1,000cycles
1,000cycles
(0.1A 12V DC)
Contact resistance
(Initial performance/After lifetime)
Operating force
Operating life
Without load
With load
Specifications


Similar Part No. - SSAB

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results

Similar Description - SSAB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
2mm-travel Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SSAA ALPS-SSAA Datasheet
279Kb / 4P
2mm-travel Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
2mm Travel Miniature Sized Slide Switch
SLM-13-744B-T45 SHINMEI-SLM-13-744B-T45 Datasheet
102Kb / 3P
2mm Travel Thin Type Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
2mm Travel Thin Type Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com