Electronic Components Datasheet Search
  English  ▼

X  

SSAG Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAG
Description  Recoil Type for Single Side and Both Sides
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAG Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
112
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Soldering
Operating
Ground
terminal
Operating
section
directions
Poles Positions
Products No.
Travel
(mm)
Drawing
No.
SSAG130100
Changeover
timing
Location
lug
Product Line
SSAG130200
SSAG130300
SSAG130400
SSAG230100
SSAG230200
SSAG230300
SSAG230400
SSAG330100
SSAG330200
SSAG330300
SSAG330400
Minimum
order unit
(pcs.)
Reflow
Lift-
side
recoil
Right-
side
recoil
Double
-side
recoil
For PC
board
insert
Flat
For PC
board
insert
Flat
For PC
board
insert
Flat
Horizontal
1
3
1.5
1
2
3
4
5
6
Not
specified
Without
With
Without
With
Without
With
Without
With
Without
With
Without
With
16,000
Long life recoil type meeting more compact and low-profile needs.
Recoil Type for Single Side and Both Sides
SSAG Series
Slide Switch
Operating life
10mA 5V DC/50
BA 3V DC
1N
(Recoil side),1.5N(Lock side)
200m
Ω max./500mΩ max.
100,000cycles
(Recoil side)
30,000cycles(Lock side)
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
Typical Specifications
Taping Specification(Taping Packaging)
Reel Size
¿380
25.4
Unit:mm
4,000
8,000
16,000
24
Number of packages
(pcs.)
Tape width
(mm)
1 reel
1 case
/Japan
1 case
/export packing
Please place purchase orders per minimum order unit (integer).
Note
NEW


Similar Part No. - SSAG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG130100 ALPS-SSAG130100 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
SSAG130200 ALPS-SSAG130200 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
SSAG130300 ALPS-SSAG130300 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
SSAG130400 ALPS-SSAG130400 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
SSAG230100 ALPS-SSAG230100 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
More results

Similar Description - SSAG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
Naturally tacky on both sides
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG_15 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
logo
PHOENIX CONTACT
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
Housing cover,for connection on both sides
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
Housing cover,for connection on both sides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com