Electronic Components Datasheet Search
  English  ▼

X  

ADUC7122 Datasheet(PDF) 49 Page - Analog Devices

Part # ADUC7122
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI짰 MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7122 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADUC7122 Datasheet HTML 45Page - Analog Devices ADUC7122 Datasheet HTML 46Page - Analog Devices ADUC7122 Datasheet HTML 47Page - Analog Devices ADUC7122 Datasheet HTML 48Page - Analog Devices ADUC7122 Datasheet HTML 49Page - Analog Devices ADUC7122 Datasheet HTML 50Page - Analog Devices ADUC7122 Datasheet HTML 51Page - Analog Devices ADUC7122 Datasheet HTML 52Page - Analog Devices ADUC7122 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Preliminary Technical Data
ADuC7122
Rev. PrA | Page 49 of 92
GENERAL-PURPOSE I/O
The ADuC7122 provides 32 general-purpose, bidirectional I/O
(GPIO) pins. All I/O pins are 5 V tolerant, meaning that the
GPIOs support an input voltage of 5 V. In general, many of the
GPIO pins have multiple functions (see Table 82). By default, the
GPIO pins are configured in GPIO mode.
All GPIO pins have an internal pull-up resistor (of about 100
kΩ) and their drive capability is 1.6 mA. Note that a maximum
of 20 GPIO can drive 1.6 mA at the same time. The 32 GPIOs
are grouped in four ports: Port 0 to Port 3. Each port is con-
trolled by four or five MMRs, with x representing the port number.
Table 80. GPxCON Register
Name
Address
Default Value
Access
GP0CON
0xFFFF0D00
0x00000000
R/W
GP1CON
0xFFFF0D04
0x00000000
R/W
GP2CON
0xFFFF0D08
0x00000000
R/W
GP3CON
0xFFFF0D0C
0x11111111
R/W
The input level of any GPIO can be read at any time in the
GPxDAT MMR, even when the pin is configured in a mode
other than GPIO. The PLA input is always active.
When the ADuC7122 parts enter a power-saving mode, the
GPIO pins retain their state.
GPxCON is the Port x control register, and it selects the
function of each pin of Port x, as described in Table 82.
Table 81. GPxCON MMR Bit Designations
Bit
Description
31:30
Reserved
29:28
Select function of Px.7 pin
27:26
Reserved
25:24
Select function of Px.6 pin
23:22
Reserved
21:20
Select function of Px.5 pin
19:18
Reserved
17:16
Select function of Px.4 pin
15:14
Reserved
13:12
Select function of Px.3 pin
11:10
Reserved
9:8
Select function of Px.2 pin
7:6
Reserved
5:4
Select function of Px.1 pin
3:2
Reserved
1:0
Select function of Px.0 pin
Table 82. GPIO Pin Function Designations1
Configuration (see GPxCON)
Port
Pin
00
01
10
11
0
P0.0
GPIO
SCL1
N/A
PLAI[5]
P0.1
GPIO
SDA1
JTAG
disabled
PLAI[4]
P0.2
GPIO
SPICLK
JTAG
disabled
PLAO[13]
P0.3
GPIO
SPIMISO
SYNC
PLAO[12]
P0.4
GPIO
SPIMOSI
TRIP
PLAI[11]
P0.5
GPIO
SPICS
CONVST
PLAI[10]
P0.6
GPIO
MRESET
N/A
PLAI[2]
P0.7
GPIO
TRST
N/A
PLAI[3]
1
P1.0
GPIO
SIN
SCL2
PLAI[7]
P1.1
GPIO
SOUT
SDA2
PLAI[1]
P1.4
GPIO
PWM1
XCLK
PLAI[8]
P1.5
GPIO
PWM2
N/A
PLAI[9]
P1.6
GPIO
N/A
N/A
PLAO[5]
P1.7
GPIO
N/A
N/A
PLAO[4]
2
P2.0
GPIO/IRQ0
N/A
N/A
PLAI[13]
P2.1
GPIO/IRQ1
N/A
N/A
PLAI[12]
P2.2
GPIO
N/A
N/A
PLAI[1]
P2.3
GPIO/IRQ2
N/A
N/A
PLAI[14]
P2.4
GPIO
PWM5
N/A
PLAO[7]
P2.5
GPIO
PWM6
N/A
PLAO[6]
P2.6
GPIO/IRQ3
N/A
N/A
PLAI[15]
P2.7
GPIO
N/A
N/A
PLAI[0]
3
P3.0
GPIO
N/A
N/A
PLAO[0]
P3.1
GPIO
N/A
N/A
PLAO[1]
P3.2
GPIO/IRQ4
PWM3
N/A
PLAO[2]
P3.3
GPIO/IRQ5
PWM4
N/A
PLAO[3]
P3.4
GPIO
N/A
N/A
PLAO[8]
P3.5
GPIO
N/A
N/A
PLAO[9]
P3.6
GPIO
N/A
N/A
PLAO[10]
P3.7
GPIO
N/A
N/A
PLAO[11]
1 N/A means no secondary function exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com