Electronic Components Datasheet Search
  English  ▼

X  

AS1109 Datasheet(PDF) 22 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 22 Page - ams AG

Back Button AS1109_1 Datasheet HTML 18Page - ams AG AS1109_1 Datasheet HTML 19Page - ams AG AS1109_1 Datasheet HTML 20Page - ams AG AS1109_1 Datasheet HTML 21Page - ams AG AS1109_1 Datasheet HTML 22Page - ams AG AS1109_1 Datasheet HTML 23Page - ams AG AS1109_1 Datasheet HTML 24Page - ams AG AS1109_1 Datasheet HTML 25Page - ams AG AS1109_1 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
22 - 26
AS1109
Data Sheet - P a c k age Drawin gs an d Ma rkings
Figure 26. 16-pin SSOP-150 Package
Symbol
Min
Max
A1.35
1.75
A1
0.10
0.25
A2
1.37
1.57
b0.20
0.30
C0.19
0.25
D4.80
4.98
E5.79
6.20
E1
3.81
3.99
e
0.635 BSC
h0.22
0.49
L0.40
1.27
θ
0º
8º
ZD
0.230 REF
N
16 pins
Notes:
1. Lead coplanarity should be 0 to 0.10mm (.004”) max.
2. Package surfacing:
a. Top: matte (charmilles #18- 30).
b. All sides: matte (charmilles #18- 30).
c. Bottom: smooth or matte (charmilles #18- 30).
3. All dimensions excluding mold flashes and end flash from the
package body shall not exceed 0.25mm (.010”) per side (D).
4. Dimensions “b” does not include dambar protrusion/intrusion
but solder coverage.
5. Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com