Electronic Components Datasheet Search
  English  ▼

X  

AS1112 Datasheet(PDF) 12 Page - ams AG

Part # AS1112
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112 Datasheet(HTML) 12 Page - ams AG

Back Button AS1112 Datasheet HTML 8Page - ams AG AS1112 Datasheet HTML 9Page - ams AG AS1112 Datasheet HTML 10Page - ams AG AS1112 Datasheet HTML 11Page - ams AG AS1112 Datasheet HTML 12Page - ams AG AS1112 Datasheet HTML 13Page - ams AG AS1112 Datasheet HTML 14Page - ams AG AS1112 Datasheet HTML 15Page - ams AG AS1112 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
12 - 18
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 10. Dot Correction Data Input Timing Diagram
Setting Greyscale Brightness
The brightness of each channel output can be adjusted using a 12 bits-per-channel PWM control scheme which results
in 4096 brightness steps, from 0% to 100% brightness. The brightness level for each output is calculated as:
Where:
GSn is the programmed greyscale value for OUTn (GSn = 0 to 4095);
n = 0 to 15 greyscale data for all outputs.
The device powers up with the following default seetings: GS = 4095 and DC = 63.
The input shift register shifts greyscale data into the greyscale register for all channels simultaneously. The complete
greyscale data format consists of 16 x 12 bit words, which forms a 192-bit wide data packet (see Figure 11).
Note: The data packet must be clocked in with the MSB first.
Figure 11. Greyscale Data Packet Format
When pin MODE is tied to GND, the AS1112 enters greyscale data input mode. The device switches the input shift reg-
ister to 192-bit width. After all data is clocked in, the rising edge of the LD signal latches the data into the greyscale reg-
ister (see Figure 12).
All greyscale data in the input shift register is replaced with status information data (SID) after latching into the grey-
scale register.
DCn
MSB-2
DCn
MSB-1
DCn
LSB+1
DCn
MSB
DCn-1
LSB
DCn
LSB
DCn+1
MSB
DCn+1
MSB-1
DCn-1
MSB-1
DCn-1
MSB-2
DCn-1
LSB+1
DCn-1
LSB
DCn
MSB
DCn
MSB-1
DCn
MSB-2
DCn-1
MSB
MODE
SDI
CLK
SDO
LD
VCC
Dot Correction Mode
Data Input Cycle n
Dot Correction Mode
Data Input Cycle n +1
tH1
tWH2
tSU1
12
tWH0
tWL0
1
2
1
95
96
GND
tSU0
%Brightness =
GSn
4095
(EQ 4)
x 100
GS15.11
MSB
191
GS0.0
GS0.11
GS1.0
GS14.11
GS15.0
LSB
GS OUT0
GS OUT14:GS OUT1
...
...
...
GS OUT15
180
179
12
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com