Electronic Components Datasheet Search
  English  ▼

X  

AS1154 Datasheet(PDF) 10 Page - ams AG

Part # AS1154
Description  Single/Dual LVDS Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1154 Datasheet(HTML) 10 Page - ams AG

Back Button AS1154 Datasheet HTML 6Page - ams AG AS1154 Datasheet HTML 7Page - ams AG AS1154 Datasheet HTML 8Page - ams AG AS1154 Datasheet HTML 9Page - ams AG AS1154 Datasheet HTML 10Page - ams AG AS1154 Datasheet HTML 11Page - ams AG AS1154 Datasheet HTML 12Page - ams AG AS1154 Datasheet HTML 13Page - ams AG AS1154 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 15
AS1156/AS1154
Data Sheet - A p p l i c a t i o n s
9 Applications
Figure 19. Typical Application Circuit
Power-Supply Bypassing
To bypass VCC, use high-frequency surface-mount ceramic 0.1µF and 0.001µF capacitors in parallel as close to the
device as possible, with the smaller valued capacitor closest to pin VCC.
Differential Traces
Input trace characteristics can adversely affect the performance of the AS1156/AS1154.
Use controlled-impedance PC board traces to match the cable characteristic impedance. The termination resistor is
also matched to this characteristic impedance.
Eliminate reflections and ensure that noise couples as common mode by running the differential traces near each
other.
Reduce skew by using matched trace lengths. Tight skew control is required to minimize emissions and proper data
recovery of the devices.
Route each channel’s differential signals very close to each other for optimal cancellation of their respective exter-
nal magnetic fields. Use a constant distance between the differential traces to avoid irregularities in differential
impedance.
Avoid 90° turns (use two 45° turns).
Minimize the number of vias to further prevent impedance irregularities.
Cables and Connectors
Supported transmission media include printed circuit board traces, backplanes, and cables.
Use cables and connectors with matched differential impedance (typically 100
Ω) to minimize impedance mis-
matches.
Balanced cables such as twisted pair offer superior signal quality and tend to generate less EMI due to magnetic
field canceling effects. Balanced cables pick up noise as common mode, which is rejected by the LVDS receiver.
Avoid the use of unbalanced cables such as ribbon cable or simple coaxial cable.
Table 5. Function Table
Input
Output
INx
OUTx+
OUTx-
LL
H
H
HL
0.8V < VINx < 2.0V
Undetermined
Undetermined
LVDS
Signals
107
Ω
LVTTL/LVCMOS
Data Inputs
LVTTL/LVCMOS
Data Outputs
100
Ω Shielded Twisted Cable or Microstrip PC Board Traces
Tx
Rx
AS1158
Single LVDS Receiver
AS1156
0.1µF
0.001µF
+3.3V
0.1µF
0.001µF
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com