Electronic Components Datasheet Search
  English  ▼

X  

AS1324 Datasheet(PDF) 15 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 15 Page - ams AG

Back Button AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
15 - 20
AS1324
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Basic losses in the design of a system should also be considered. Internal battery resistances and copper trace can
account for additional efficiency degradations in battery operated systems. By making sure that CIN has adequate
charge storage and very low ESR at the given switching frequency, the internal battery and fuse resistance losses can
be minimized. CIN and COUT ESR dissipative losses and inductor core losses generally account for less than 2% total
additional loss.
Thermal Shutdown
Due to its high-efficiency design, the AS1324 will not dissipate much heat in most applications. However, in applica-
tions where the AS1324 is running at high ambient temperature, uses a low supply voltage, and runs with high duty
cycles (such as in dropout) the heat dissipated may exceed the maximum junction temperature of the device.
As soon as the junction temperature reaches approximately 150ºC the AS1324 goes in thermal shutdown. In this mode
the internal PMOS & NMOS switch are turned off. The device will power up again, as soon as the temperature falls
below +145°C again.
Checking Transient Response
The main loop response can be evaluated by examining the load transient response. Switching regulators normally
take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an
amount equivalent to:
VDROP =
ΔIOUT x ESR
(EQ 13)
Where:
ESR is the effective series resistance of COUT.
ΔIOUT also begins to charge or discharge COUT, which generates a feedback error signal. The regulator loop then acts
to return VOUT to its steady-state value. During this recovery time VOUT can be monitored for overshoot or ringing that
would indicate a stability problem.
Design Example
Figure 28 shows the AS1324 used in a single lithium-ion (3.7V typ) battery-powered mobile phone application. The
load current requirement is 600mA (max) but most of the time the device will require only 2mA (standby mode current).
Figure 28. Design Example
For the circuit shown in Figure 28, efficiency at low- and high-load currents is an important consideration when select-
ing the value for the external inductor, which is calculated as:
From (EQ 14), substituting VOUT = 2.2V, VIN = 3.7V,
ΔIL = 240mA and f = 1.5MHz gives:
Therefore, a standard 2.2µH inductor should be used for this design.
COUT
10µF
CER
CIN
4.7µF
CER
VIN
3.7V
VOUT
2.2V
2.2µH
375k
Ω
22pF
1M
Ω
R2
R1
AS1324
3
SW
4
VIN
1
EN
5
VFB
GND
2
(EQ 14)
L
V
OUT
f
ΔI
L
--------------
1
V
OUT
V
IN
--------------
–
⎝⎠
⎛⎞
×
=
(EQ 15)
L
2,2V
1,5MHz
240mA
×
()
----------------------------------------------------
1
2,2V
37V
,
------------
–
⎝⎠
⎛⎞
×
2,48
μH
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com