Electronic Components Datasheet Search
  English  ▼

X  

AS1334 Datasheet(PDF) 15 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 15 Page - ams AG

Back Button AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG AS1334 Datasheet HTML 13Page - ams AG AS1334 Datasheet HTML 14Page - ams AG AS1334 Datasheet HTML 15Page - ams AG AS1334 Datasheet HTML 16Page - ams AG AS1334 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
15 - 17
AS1334
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The devices are available in a TDFN(3x3) 8-pin package.
Figure 25. TDFN(3x3) 8-pin Package
Notes:
1. Figure 25 is shown for illustration only.
2. All dimensions are in millimeters; angles in degrees.
3. Dimensioning and tolerancing conform to ASME Y14.5 M-1994.
4. N is the total number of terminals.
5. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95-1, SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
6. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip.
7. ND refers to the maximum number of terminals on side D.
8. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals
Symbol
Min
Typ
Max
Notes
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20 REF
1, 2
L1
0.03
0.15
1, 2
L2
0.13
1, 2
aaa0.151, 2
bbb0.101, 2
ccc
0.10
1, 2
ddd0.051, 2
eee0.081, 2
ggg0.101, 2
Symbol
Min
Typ
Max
Notes
D BSC
3.00
1, 2
E BSC
3.00
1, 2
D2
1.60
2.50
1, 2
E2
1.35
1.75
1, 2
L
0.30
0.40
0.50
1, 2
θ
0º
14º
1, 2
K0.20
1, 2
b
0.18
0.25
0.30
1, 2, 5
e0.65
N8
1, 2
ND
4
1, 2, 5
SEE
DETAIL B
PIN 1 INDEX AREA
(D/2 xE/2)
BTM VIEW
N-1
N
bbb
ddd
D2
D2/2
b
(D/2 xE/2)
2x
TOP VIEW
aaa C
PIN 1 INDEX AREA
D
ccc C
SIDE VIEW
(ND-1) X e
e
0.08 C
B
L
EVEN TERMINAL SIDE
Datum A or B
Terminal Tip
e
e/2
C A B
C
SEATING
PLANE
K
C
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com