Electronic Components Datasheet Search
  English  ▼

X  

AS1337 Datasheet(PDF) 10 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 10 Page - ams AG

Back Button AS1337 Datasheet HTML 6Page - ams AG AS1337 Datasheet HTML 7Page - ams AG AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG AS1337 Datasheet HTML 10Page - ams AG AS1337 Datasheet HTML 11Page - ams AG AS1337 Datasheet HTML 12Page - ams AG AS1337 Datasheet HTML 13Page - ams AG AS1337 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 14
AS1337
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1337 is perfectly suited for LED matrix displays, bar-graph displays, instrument-panel meters, dot matrix dis-
plays, set-top boxes, white goods, professional audio equipment, medical equipment, industrial controllers to name a
few applications.
Along with Figure 1 on page 1, Figure 14 and Figure 15 depict a few of the many applications for which the AS1337
converters are perfectly suited.
Figure 14. Single AA Cell to 3.3V Synchronous Boost Converter
Figure 15. Single Lithium Cell to 5V
VIN = 1.5V
AS1337
COUT
22µF
L1
4.7µH
VOUT = 3.3V
GND
FB
VIN
EN
PGND
POK
VOUT
On
Off
CIN
10µF
R1
1.02M
Ω
R2
640k
Ω
LX
Lithium-Ionen Cell
AS1337
COUT
22µF
L1
4.7µH
VOUT = 5.0V
GND
FB
VIN
EN
PGND
POK
VOUT
On
Off
CIN
10µF
R1
2M
Ω
R2
640k
Ω
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com