Electronic Components Datasheet Search
  English  ▼

X  

AS1339 Datasheet(PDF) 12 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 12 Page - ams AG

Back Button AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG AS1339 Datasheet HTML 12Page - ams AG AS1339 Datasheet HTML 13Page - ams AG AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
12 - 25
AS1339
Datasheet - Ty p i c a l O p e r a t i o n C h a r a c t e r i s t i c s
Figure 27. DC-DC Output Voltage Error vs. Reference
Voltage
Figure 28. DC-DC Bypass Dropout Voltage vs. Output
Current
-4
-2
0
2
4
6
8
0.25
0.5
0.75
1
1.25
1.5
Reference Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
0
20
40
60
80
100
0
100 200 300 400 500 600 700 800 900
Output Current (mA)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Figure 29. DC-DC No-Load Supply Current vs. VIN
Figure 30. Shutdown Supply Current vs. VIN
0
1
2
3
4
5
6
123
456
Input Voltage (V)
Vout = 3.4V
PWM
Mode
Bypass
Mode
0
20
40
60
80
100
120
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Figure 31. DC-DC Switching; VIN=3.6V, VPA=1.2V,
IOUT=50mA
Figure 32. DC-DC Switching; VIN=3.6V, VPA=1.2V,
IOUT=500mA
1µs/Div
1µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com