Electronic Components Datasheet Search
  English  ▼

X  

AS1340 Datasheet(PDF) 12 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 12 Page - ams AG

Back Button AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG AS1340 Datasheet HTML 13Page - ams AG AS1340 Datasheet HTML 14Page - ams AG AS1340 Datasheet HTML 15Page - ams AG AS1340 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
12 - 16
AS1340
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Inductor Selection
For the external inductor, a 6.8µH inductor is recommended. Minimum inductor size is dependant on the desired effi-
ciency and output current. Inductors with low core losses and small DCR at 1MHz are recommended.
Figure 30. Efficiency Comparison of Different Inductors, VIN = 3.3V, VOUT = 18V;
Figure 31. Efficiency Comparison of Different Inductors, VIN = 5.5V, VOUT = 18V;
Table 4. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
LPS4018-472ML_
4.7µH
0.125
Ω
1.9A
4.4x4.4x1.7mm
Coilcraft
www.coilcraft.com
ME3220-472ML_
4.7µH
0.190
Ω
1.5A
3.2x2.8x2mm
MOS6020-472ML_
4.7µH
0.050
Ω
1.94A
6.8x6x2.4mm
MSS6122-472ML_
4.7µH
0.065
Ω
1.82A
6.1x6.1x6mm
LPS4018-682ML_
6.8µH
0.150
Ω
1.3A
4.4x4.4x1.7mm
ME3220-682ML_
6.8µH
0.270
Ω
1.2A
3.2x2.8x2mm
MOS6020-682ML_
6.8µH
0.078
Ω
1.72A
6.8x6x2.4mm
MSS6122-682ML_
6.8µH
0.100
Ω
1.50A
6.1x6.1x6mm
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Output Current (mA)
MOS6020-472
MOS6020-682
MSS6122-472
MSS6122-682
0
10
20
30
40
50
60
70
80
90
100
110
100
Output Current (mA)
LPS4018-472
LPS4018-682
ME3220-472
ME3220-682
0
10
20
30
40
50
60
70
80
90
100
110
100
Output Current (mA)
LPS4018-472
LPS4018-682
ME3220-472
ME3220-682
0
10
20
30
40
50
60
70
80
90
100
110
100
Output Current (mA)
MOS6020-472
MOS6020-682
MSS6122-472
MSS6122-472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com