Electronic Components Datasheet Search
  English  ▼

X  

B06 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # B06
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

B06 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  B06 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. B06 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES
B1 THRU B10
SURFACE MOUNT
GLASS PASSIVATED
BRIDGE RECTIFIERS
SURFACE MOUNT
GLASS PASSIVATED
BRIDGE RECTIFIERS
MOUNTED ON PC BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
B1 thru B10
Fig. 1 - FORWARD CURRENT DERATING CURVE
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
Fig. 3 - TYPICAL JUNCTION CAPACITANCE
Fig. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
1.0
0.8
0.6
0.4
0.2
0.1
o
AMBIENT TEMPERATURE, C
20
40
60
100
120
140
160
NUMBER OF CYCLES AT 60Hz
40
30
20
10
0
1
2
5
10
20
50
100
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
REVERSE VOLTAGE, VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
o
TJ=125 C
o
TJ=25 C
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
o
TJ=25 C
PULSE WIDTH:300
S
100
10
1.0
1
4
10.0
100
o
TJ=25 C, f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com