Electronic Components Datasheet Search
  English  ▼

X  

KBL005 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # KBL005
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

KBL005 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  KBL005 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. KBL005 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
KBL005 THRU KBL10
CHENG- YI
CHENG- YI
ELECTRONIC
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
100
10
1
0
40
60
120
160
200
NUMBER OF CYCLES AT 60 Hz
Fig.1 - MAXIMUM FORWARD SURGE CURRENT
0
T =25 C
J
0
AMBIENT TEMPERATURE, C
Fig.2 - DERATING CURVE
OUTPUT RECTIFIED CURRENT
0
0
1.0
2.0
3.0
4.0
5.0
100
50
150
MOUNTED ON 4x4 INCH
COPER PC BOARD
Fig.3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.01
.02
2
.03
.3
3
.05
.5
5
.07
.7
7
.2
0.4
0.2
0
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
0
T =25 C
J
Fig.4 - TYPICAL REVERSE
0
CHARACTERISTICS(25 C)
PERCENT OF RATED PEAK
REVERSE VOLTAGE
0
20
100
60
140
40
120
80
.01
.02
.04
.06
0.1
.2
2
.4
4
.6
6
1.0
10
RS4005 thru RS410
KBL005 thru KBL10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com