Electronic Components Datasheet Search
  English  ▼

X  

MB101 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MB101
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MB101 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MB101 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MB101 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS
FEATURES
UL recognized file #E149311
Low forward voltage drop
Surge overload rating-200 amperese peak
Mounting position:Any
Mounting:hole thru for #6 screw
Electrically isolated base-1800Volts
Weight:7.86 grams
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS
CURRENT
10.0 Amperes
Maximum Average Forward
Rectified OutputCurrent at:
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
IFSM
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC mehtod)
UNITS
UNITS
50
100
200
400
600
800
1000
V
V
V
V
A
A
35
70
140
280
420
560
700
50
100
200
400
6.0
6.0
10.0
1.1
200
5
0.2
600
800
1000
0
(At TA=25 C unless otherwise noted)
0
(At TA=25 C unless otherwise noted)
Operating Temperature Range
Storage Temperature Range
TJ
TSTG
I O
MB1005
MB101
MB102
MB104
MB106
MB108
MB1010
MB1005
MB101
MB102
MB104
MB106
MB108
MB1010
0C
0C
-55 to +125
-55 to +150
ELECTRICAL CHARACTERISTICS
RATINGS
CHARACTERISTICS
V
F
IR
0
T
@
=25 C
A
0
T
@
=100 C
A
A
mA
Maximum Forward Voltage drop per element of 5.0A DC
Maximum Reverse Current at Rated
DC Blocking Voltage per element
MB1005 thru MB1010 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
0
T
@
=50 C
A
0
T
@
=100 C
C
0
T
@
=50 C
A


Similar Part No. - MB101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB101 MCC-MB101 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
New Jersey Semi-Conduct...
MB101 NJSEMI-MB101 Datasheet
105Kb / 2P
High Currant Bridge Rectifier
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
171Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB101-BP MCC-MB101-BP Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com