Electronic Components Datasheet Search
  English  ▼

X  

MP108M Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP108M
Description  10 AMPS EPOXY BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP108M Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP108M Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP108M Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
MP10M SERIES
MP10M SERIES
10 AMPS EPOXY BRIDGE RECTIFIER
10 AMPS EPOXY BRIDGE RECTIFIER
CHENG- YI
CHENG- YI
ELECTRONIC
NUMBER OF CYCLES AT 60 Hz
Fig.1 - MAXIMUM NUN-REPETITIVE
FORWARD SURGE CURRENT
0
CASE TEMPERATURE, ( C)
0
2
4
6
8
10
50
150
100
Fig.2 - TYPICAL FORWARD CURRENT
DERATING CURVE
50
0
100
150
200
250
10
1
100
Fig.3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01
.1
1.0
10
100
0.6
0.8
0.9
0.7
1.0
1.2
1.1
1.3
0
T =25 C
J
Pulse Width-300 s
1% Dety Cycle
Fig.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
.01
0.1
1.0
10
0
20
100
60
140
40
120
80
0
T =25 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com