Electronic Components Datasheet Search
  English  ▼

X  

RS2004 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # RS2004
Description  SINLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

RS2004 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  RS2004 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. RS2004 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
RS2001 THRU RS2007
CHENG- YI
CHENG- YI
ELECTRONIC
SINLE-PHASE SILICON
BRIDGE RECTIFIER
SINLE-PHASE SILICON
BRIDGE RECTIFIER
RS2001 thru RS2007
Fig. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
Fig. 1 - FORWARD CURRENT DERATING CURVE
0
CASE TEMPERATURE, C
20
40
60
80
100
120
140
25
20
15
10
5
0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITHOUT HEATSINK
WITH HEATSINK
1
2
5
10
20
50
100
300
200
100
0
NUMBER OF CYCLES AT 60Hz
Single Half Sine-Wave
(JEDEC METHOD)
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
1.0
4.0
10.0
100
10
100
0
T =25C, f= 1MHz
J
Fig. 3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
T =25C
J
PULSE WIDTH:300
S
1000
100
10
1.0
0.1
0
20
40
60
80
100
0
T =125C
J
0
T =50 C
J
0
T =100C
J
0
T =25 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com