Electronic Components Datasheet Search
  English  ▼

X  

MP50005 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP50005
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP50005 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP50005 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP50005 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP50 SERIES
SINGLE-PHASE SILICON BRIDGE
SINGLE-PHASE SILICON BRIDGE
FEATURES
Surge overload rating-400 amperese peak
Low forward voltage drop
Mounting position:Any
Electrically isolated base-1800Volts
Solderable .25" FASTON terminals
Materials used carries U/L recognized
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS PRV
CURRENT
50 Amperes
MP
50005
MP
5001
MP
5002
MP
5004
MP
5006
MP
5008
MP
5010
Maximum Average Forward
0
T
Output Current
@
=55 C
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load (JEDEC Mehtod)
Maximum DC Forward Voltage
per bridge element at 25.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per bridge element
UNITS
50
100
200
400
600
800
1000
V
V
V
A
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
10
1
-55 to +125
-55 to +150
50
400
1.2
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Thermal Resistance (Note.1)
2
It
RJC
737
2.5
0
T
@
=100 C
A
0
T
@
=25 C
A
diam
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Rating at 25 C ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz
For capacitive load, derate current by 20%.
I(AV)


Similar Part No. - MP50005

ManufacturerPart #DatasheetDescription
logo
RFE international
MP50005 RFE-MP50005 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Microdiode Semiconducto...
MP50005 CHENDA-MP50005 Datasheet
387Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
RFE international
MP50005S RFE-MP50005S Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
MP50005W RFE-MP50005W Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
More results

Similar Description - MP50005

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com