Electronic Components Datasheet Search
  English  ▼

X  

MP50S Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MP50S
Description  40,50S IN-LINE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP50S Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP50S Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP50S Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP40,50S SERIES
40,50S IN-LINE
BRIDGE RECTIFIER
40,50S IN-LINE
BRIDGE RECTIFIER
FEATURES
Diffused Junction
Low Forward Voltage Drop
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards
Designed for Saving Mounting Space
UL Recognized File #E157705
MECHANICAL DATA
Cass: Epoxy Cass With Heat Sink Internally
Mounted in Bridge Encapsulation
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 30 grams (approx.)
Mounting: Position: Any
Marking: Type Number
CHENG- YI
CHENG- YI
ELECTRONIC
0
T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS @
=25 C unless otherwise specified
A
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Average Rectifier Output Current
0
T
@
=55 C
C
VRRM
VRWM
VR
VR(RMS)
IFSM
V
FM
IR
IO
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Mehtod)
Forward Voltage Drop
(per element)
0
T
@
=25 C
A
0
T
@
=100 C
A
UNIT
50
100
200
400
600
800
1000
V
V
A
m A
A
A
V
35
70
140
280
10
1.0
40
50
400
400
1.2
420
560
700
40
50
40
50
KBPC40 @I =20A
F
KBPC50 @I =25A
F
Peark Reverse Current at Rated
DC Blocking Voltage (per element)
Characteristics
Symbol
-00S
-01S
-02S
-04S
-06S
-08S
-10S
V
ISO
TT
J,
STG
RMS Isolation Voltage from Case to Lead
Operating and Storage Temperature Range
V
K/W
0C
2500
-55 to +150
Typical Thermal Resistance (per element) (Note 2)
RJC
1.5
NOTE: 1. Thermal resistance junction to cass per element mounted on 8" x 8" x 25" thick AL plate.
MP40,50S
Dim
A
B
C
D
E
G
H
28.40
10.97
13.90
19.10
5.10
3.05
28.70
11.23
_
_
_
3.60
Min
Max
1.20
Typical
All Dimensioas in mm


Similar Part No. - MP50S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 50A
More results

Similar Description - MP50S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC15S WTE-GBPC15S Datasheet
49Kb / 3P
15,25,35A IN-LINE BRIDGE RECTIFIER
GBPC40S WTE-GBPC40S Datasheet
46Kb / 3P
40,50A IN-LINE BRIDGE RECTIFIER
KBPC1000GS WTE-KBPC1000GS Datasheet
44Kb / 3P
10A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
KBPC1000S WTE-KBPC1000S Datasheet
44Kb / 3P
10A IN-LINE BRIDGE RECTIFIER
KBPC15GS WTE-KBPC15GS Datasheet
49Kb / 3P
15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
124Kb / 3P
Glass Passivated Single-In-Line Bridge Rectifier
03-Dec-04
logo
Pan Jit International I...
GL2500 PANJIT-GL2500_05 Datasheet
432Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
GPJ15A PANJIT-GPJ15A Datasheet
109Kb / 2P
SINGLE IN-LINE BRIDGE RECTIFIER
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
Single-Phase Single In-Line Bridge Rectifier
18-Oct-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com