Electronic Components Datasheet Search
  English  ▼

X  

AS1352 Datasheet(PDF) 5 Page - ams AG

Part # AS1352
Description  Programmable Quad LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352 Datasheet(HTML) 5 Page - ams AG

  AS1352 Datasheet HTML 1Page - ams AG AS1352 Datasheet HTML 2Page - ams AG AS1352 Datasheet HTML 3Page - ams AG AS1352 Datasheet HTML 4Page - ams AG AS1352 Datasheet HTML 5Page - ams AG AS1352 Datasheet HTML 6Page - ams AG AS1352 Datasheet HTML 7Page - ams AG AS1352 Datasheet HTML 8Page - ams AG AS1352 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
5 - 10
AS1352
Data Sheet - Ap p lica tio n In fo r m a tio n
7 Application Information
Figure 3. Typical AS1352-uxyz Application
One-Time Programming Procedure Output Voltages
The four LDOs can be programmed and burned to any output voltage between 1.8V and 3.3V in steps of 0.1V. Cus-
tomers can burn the desired output voltages onsite using the austriamicrosystems programming board.
Furthermore, the AS1352 is available in pre-programmed versions with fixed output voltages (see Ordering Information
on page 9).
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VPERI
VCORE
CMOS
Sensor
2.5V
2.9V
VPERI
VCORE
Camera
IC
3.0V
1.8V
100nF (Improved Noise Performance)
Microprocessor
AS1352-7BC0
VOUT1
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT2
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT3
1µF ±20% (X5R)
2.2µF +100/-50%
(Z5U)
VOUT4
VDD
EN1
EN2
EN3
EN4
GND
GND
REF
3V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com