Electronic Components Datasheet Search
  English  ▼

X  

SR830 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SR830
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SR830 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SR830 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SR830 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
SR820 THRU SR860
SK820 THRU SK860
CHENG- YI
CHENG- YI
ELECTRONIC
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER
4
2
6
8
10
0
LEAD TEMPERATURE, C
0
0
100
150
50
Fig.1 - TYPICAL FORWARD CURRENT DERATING CURVE
Fig.3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
NUMBER OF CYCLES AT 60 Hz
1
10
25
50
75
100
125
150
175
8.3ms Single Half Sine Wave
JEDEC Method
Fig.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
10
100
1.0
100
200
400
600
800
1000
2000
4000
.1
SK820~SK840
SK820~SK840
SK850~SK880
SK850~SK880
Fig.2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
.1
1.0
10
.01
.001
Fig.4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
40
60
80
100
120
SK820~SK840
SK850~SK880
0
T =150C
C
0
T
=12
5C
C
0
T
=
75C
C
0
T
=
25C
C
1.0
10
50
.3
.4
.2
.1
.1
.5
.6
.8
.7
.9
1.0
Pulse Width-300 s
1% DUTY CYCLE
0
T =25 C
J
SK820 thru SK860
SR820 thru SR860



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com