Electronic Components Datasheet Search
  English  ▼

X  

AS1358 Datasheet(PDF) 9 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 9 Page - ams AG

Back Button AS1358 Datasheet HTML 5Page - ams AG AS1358 Datasheet HTML 6Page - ams AG AS1358 Datasheet HTML 7Page - ams AG AS1358 Datasheet HTML 8Page - ams AG AS1358 Datasheet HTML 9Page - ams AG AS1358 Datasheet HTML 10Page - ams AG AS1358 Datasheet HTML 11Page - ams AG AS1358 Datasheet HTML 12Page - ams AG AS1358 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
9 - 14
AS1358/AS1359
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1358/AS1359 are ultra-low-noise, low-dropout, low-quiescent current linear-regulators specifically designed for
space-limited applications. The devices are available with preset output voltages from 1.5 to 4.5V in 50mV increments.
These devices can supply loads up to 150/300mA. As shown in Figure 18, the AS1358/AS1359 consist of an inte-
grated bandgap core and noise bypass circuitry, error amplifier, P-channel MOSFET pass transistor, and internal feed-
back voltage-divider.
The output voltage is fed back through an internal resistor voltage-divider connected to pin OUT. An external bypass
capacitor connected to pin BYPASS reduces noise at the output. Additional blocks include a current limiter, thermal
sensor, and shutdown logic.
Internal Voltage Reference
The 1.25V bandgap reference is connected to the error amplifier’s inverting input. The error amplifier compares this
reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference
voltage, the pass-transistor gate is pulled low. This allows more current to pass to the output and increases the output
voltage. If the feedback voltage is too high, the pass transistor gate is pulled high, allowing less current to pass to the
output.
Internal P-Channel Pass Transistor
The AS1358/AS1359 feature a 0.5
Ω (typ) P-channel MOSFET pass transistor, which provides several advantages
over similar designs using a PNP pass transistor, including prolonged battery life. The P-channel MOSFET does not
require a base driver, thus quiescent current is dramatically reduced. The AS1358/AS1359 LDOs do not exhibit prob-
lems associated with typical PNP-based LDOs, and consume only 40µA of quiescent current in light load and 220µA in
dropout (see Typical Operating Characteristics on page 6).
Output Voltage
The AS1358/AS1359 deliver preset output voltages from 1.5 to 4.5V, in 50mV increments (see Ordering Information on
page 13).
Shutdown
The AS1358/AS1359 feature a low-power shutdown mode that reduces quiescent current to <200nA. Driving SHDNN
low disables the internal voltage reference, error amplifier, gate-drive circuitry, and P-channel MOSFET pass transistor
(see Figure 18), and the device output enters a high-impedance state.
Note: For normal operation connect pin SHDNN to pin IN.
Figure 18. AS1358/AS1359 Block Diagram
AS1358/AS1359
Shutdown and
Power-Down
Control
Thermal
Sensor
OUT
IN
SHDNN
GND
BYPASS
-
+
MOS
Driver w/
ILIMIT
Error
Amp
1.25 Reference
and Noise Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com