Electronic Components Datasheet Search
  English  ▼

X  

B43888 Datasheet(PDF) 7 Page - EPCOS

Part # B43888
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43888 Datasheet(HTML) 7 Page - EPCOS

Back Button B43888 Datasheet HTML 3Page - EPCOS B43888 Datasheet HTML 4Page - EPCOS B43888 Datasheet HTML 5Page - EPCOS B43888 Datasheet HTML 6Page - EPCOS B43888 Datasheet HTML 7Page - EPCOS B43888 Datasheet HTML 8Page - EPCOS B43888 Datasheet HTML 9Page - EPCOS B43888 Datasheet HTML 10Page - EPCOS B43888 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case dimensions
d
× l
mm
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 30/35/40 mm)
002 = for cut leads, bulk (excluding 12.5
× 30/35/40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 25 mm to 20 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 31.5 mm, excluding 12.5 × 30/35/40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 10 × 16 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 400 V DC
3.3
10
× 16
180
306
B43888C9335M***
4.7
10
× 16
220
374
B43888C9475M***
6.8
10
× 20
280
476
B43888C9685M***
10
12.5
× 20
350
595
B43888C9106M***
15
12.5
× 25
550
935
B43888C9156M***
22
12.5
× 30
750
1275
B43888C9226M***
33
16
× 31.5
900
1530
B43888C9336M***
47
18
× 31.5
1200
2040
B43888C9476M***
68
18
× 40
1500
2550
B43888C9686M***
VR = 450 V DC
4.7
10
× 16
180
306
B43888C5475M***
6.8
10
× 20
250
425
B43888C5685M***
10
12.5
× 20
450
765
B43888C5106M***
10
12.5
× 25
500
850
B43888D5106M***
15
12.5
× 25
500
850
B43888C5156M***
15
12.5
× 30
600
1020
B43888D5156M***
22
12.5
× 35
650
1105
B43888C5226M***
22
18
× 20
700
1190
B43888D5226M***
33
16
× 31.5
1000
1700
B43888C5336M***
47
18
× 35
1200
2040
B43888C5476M***
B43888
Extended useful life
105
°C
Page 7 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com