Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # FR151
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

FR151 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  FR151 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. FR151 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
FR151 thru FR157
FAST SWITCHING PLASTIC RECTIFIER
FAST SWITCHING PLASTIC RECTIFIER
Peak Reverse Voltage, Repetitive ; VRM :
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range TJ, TSTG
Maximum Reverse Recovery Time (Note 2)
Typical Junction Capacitance (Note 1) CJ
Typical Thermal Resistance (Note 3) R JA
Peak Forward Surge Current, IFM (surge) 8.3 msec. single
half sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
0
.375" , (9.5mm) Lead Length at T =55 C
A
Maximum Forward Voltage at 1.5A DC
0
Maximum Reverse Current , T =25 C
J
0
at Rated DC Blocking Voltage T =100 C
J
FR151
FR152
FR153
FR154
FR155
FR156
FR157
UNITS
50
100
200
400
600
800
1000
V
V
V
pF
0C / W
nS
0C
A
A
V
35
70
140
280
420
560
700
50
150
100
150
200
150
400
150
5.0
500
25
45
-55 to +150
1.5
1.3
50
600
250
800
500
1000
500
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, reistive or inductive load.
For capacitive load, derate current by 20%.
A
A
Notes : 1. Measured at 1MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions : IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length P.C.B. mounted.
VOLTAGE-50 TO 1000 Volts
CURRENT -1.5 Ampere
FEATURES
High current capability
Plastic package has underwriters laboratory
Flame retardant epoxy Molding Compound
O
1.5 ampere operation at TA=55 C with no
thermal runway.
Exceeds enviromental dstandard of MIL-
STD-19500/228.
Fast switching for high efficiency
Low leakage.
MECHANICAL DATA
Case:Molded plastic,DO-15
Trminals:Plated axial leads, solderable per
MIL-STD-202, Method 208
Polarity:Color Band denotes cathpde
Mounting position:Any
Weight:0.015 ounce, 0.4 gram
1.0
MIN.
(25.4)
1.0
MIN.
(25.4)
.034
.028
.140
.104
.300
.230
(7.6)
(5.8)
(.86)
(.71)
(3.6)
(2.6)
Dimensions in inches and (millimeters)
DO-15


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com