Electronic Components Datasheet Search
  English  ▼

X  

AS1361 Datasheet(PDF) 2 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 2 Page - ams AG

  AS1361_1 Datasheet HTML 1Page - ams AG AS1361_1 Datasheet HTML 2Page - ams AG AS1361_1 Datasheet HTML 3Page - ams AG AS1361_1 Datasheet HTML 4Page - ams AG AS1361_1 Datasheet HTML 5Page - ams AG AS1361_1 Datasheet HTML 6Page - ams AG AS1361_1 Datasheet HTML 7Page - ams AG AS1361_1 Datasheet HTML 8Page - ams AG AS1361_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 15
AS1361/AS1362
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1IN
Unregulated Input Supply.
2GND
Ground
3
SHDNN
Shutdown. Pull this pin low to disable the LDO.
4POK
Power-OK Output. Active-Low, open-drain output indicates if the output
voltage is within regulation.
0 = VOUT <94% VOUTNOM
1 = VOUT >94% VOUTNOM
5
BYPASS
Noise Bypass for Low-Noise Operation. Connect a 10nF capacitor from
this pin to OUT.
Note: This pin is shorted to GND in shutdown mode.
6OUT
Regulated Output Voltage. Bypass this pin with a capacitor to GND. See
Capacitor Selection and Regulator Stability on page 12 for more details.
3
SHDNN
2
GND
1
IN
4POK
6OUT
TSOT23 6-pin
AS1361/
AS1362
5 BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com